Electronic Components Datasheet Search
  English  ▼

X  

ADS8325IB Datasheet(PDF) 28 Page - Texas Instruments

Part # ADS8325IB
Description  16-Bit, High-Speed, 2.7V to 5.5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS8325IB Datasheet(HTML) 28 Page - Texas Instruments

Back Button ADS8325IB Datasheet HTML 24Page - Texas Instruments ADS8325IB Datasheet HTML 25Page - Texas Instruments ADS8325IB Datasheet HTML 26Page - Texas Instruments ADS8325IB Datasheet HTML 27Page - Texas Instruments ADS8325IB Datasheet HTML 28Page - Texas Instruments ADS8325IB Datasheet HTML 29Page - Texas Instruments ADS8325IB Datasheet HTML 30Page - Texas Instruments ADS8325IB Datasheet HTML 31Page - Texas Instruments ADS8325IB Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 36 page
background image
Device
Package Pins
Site
Reel
Diameter
(mm)
Reel
Width
(mm)
A0 (mm)
B0 (mm)
K0 (mm)
P1
(mm)
W
(mm)
Pin1
Quadrant
ADS8325IBDGKR
DGK
8
MLA
330
12
5.2
3.3
1.6
12
12
NONE
ADS8325IBDGKT
DGK
8
MLA
330
12
5.2
3.3
1.6
12
12
NONE
ADS8325IBDRBR
DRB
8
TUA
330
12
3.3
3.3
1.1
8
12
Q2
ADS8325IBDRBT
DRB
8
TUA
330
12
3.3
3.3
1.1
8
12
Q2
ADS8325IDGKR
DGK
8
MLA
330
12
5.2
3.3
1.6
12
12
NONE
ADS8325IDGKT
DGK
8
MLA
330
12
5.2
3.3
1.6
12
12
NONE
ADS8325IDRBR
DRB
8
TUA
330
12
3.3
3.3
1.1
8
12
Q2
ADS8325IDRBT
DRB
8
TUA
330
12
3.3
3.3
1.1
8
12
Q2
TAPE AND REEL BOX INFORMATION
Device
Package
Pins
Site
Length (mm)
Width (mm)
Height (mm)
ADS8325IBDGKR
DGK
8
MLA
390.0
348.0
63.0
ADS8325IBDGKT
DGK
8
MLA
390.0
348.0
63.0
ADS8325IBDRBR
DRB
8
TUA
0.0
0.0
0.0
ADS8325IBDRBT
DRB
8
TUA
0.0
0.0
0.0
ADS8325IDGKR
DGK
8
MLA
390.0
348.0
63.0
ADS8325IDGKT
DGK
8
MLA
390.0
348.0
63.0
ADS8325IDRBR
DRB
8
TUA
0.0
0.0
0.0
ADS8325IDRBT
DRB
8
TUA
0.0
0.0
0.0
PACKAGE MATERIALS INFORMATION
www.ti.com
6-Aug-2007
Pack Materials-Page 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com