Electronic Components Datasheet Search
  English  ▼

X  

ADS8325IB Datasheet(PDF) 5 Page - Texas Instruments

Part # ADS8325IB
Description  16-Bit, High-Speed, 2.7V to 5.5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS8325IB Datasheet(HTML) 5 Page - Texas Instruments

  ADS8325IB Datasheet HTML 1Page - Texas Instruments ADS8325IB Datasheet HTML 2Page - Texas Instruments ADS8325IB Datasheet HTML 3Page - Texas Instruments ADS8325IB Datasheet HTML 4Page - Texas Instruments ADS8325IB Datasheet HTML 5Page - Texas Instruments ADS8325IB Datasheet HTML 6Page - Texas Instruments ADS8325IB Datasheet HTML 7Page - Texas Instruments ADS8325IB Datasheet HTML 8Page - Texas Instruments ADS8325IB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 36 page
background image
www.ti.com
ELECTRICAL CHARACTERISTICS: VDD = +2.7V
ADS8325
SBAS226C – MARCH 2002 – REVISED AUGUST 2007
Over recommended operating free-air temperature at –40
°C to +85°C, V
REF = +2.5V, –IN = GND, fSAMPLE = 100kHz, and fCLK
= 24
× f
SAMPLE, unless otherwise noted.
ADS8325I
ADS8325IB
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
ANALOG INPUT
Full-scale range
FSR +IN – (–IN)
0
VREF
0
VREF
V
Operating common-mode signal
–0.3
0.5
–0.3
0.5
V
Input resistance
–IN = GND
5
5
G
Ω
Input capacitance
–IN = GND, during sampling
45
45
pF
Input leakage current
–IN = GND
±50
±50
nA
Differential input capacitance
+IN to –IN, during sampling
20
20
pF
Full-power bandwidth
FSBW FS sinewave, SINAD = –3 dB
4
4
kHz
DC ACCURACY
Resolution
16
16
Bits
No missing code
NMC
14
15
Bits
Integral linearity error
INL
±3
±6
±1.5
±4
LSB
Offset error
VOS
±0.75
±1.5
±0.5
±1
mV
Offset error drift
TCVOS
±3
±3
ppm/
°C
Gain error
GERR
±33
±16
LSB
Gain error drift
TCGERR
±0.3
±0.3
ppm/
°C
Noise
20
20
μVRMS
Power-supply rejection
2.7V
≤ VDD ≤ 3.6V
7
7
LSB
SAMPLING DYNAMICS
Conversion time
tCONV 24kHz < fCLK ≤ 2.4MHz
6.667
666.7
6.667
666.7
μs
Acquisition time
tAQ fCLK = 2.4MHz
1.875
1.875
μs
Throughput rate
100
100
kSPS
Clock frequency
0.024
2.4
0.024
2.4
MHz
AC ACCURACY
Total harmonic distortion
THD 2.5VPP sinewave, at 1kHz
–94
–94
dB
Spurious-free dynamic range
SFDR 2.5VPP sinewave, at 1kHz
–96
–96
dB
Signal-to-noise ratio
SNR
–85
–86
dB
Signal-to-noise + distortion
SINAD 2.5VPP sinewave, at 1kHz
–85
–85.5
dB
Effective number of bits
ENOB
13.8
13.9
Bits
VOLTAGE REFERENCE INPUT
Reference voltage
2.5
VDD + 0.3
2.5
VDD + 0.3
V
CS = GND, fSAMPLE = 0Hz
5
5
k
Ω
Reference input resistance
CS = VDD
5
5
G
Ω
Reference input capacitance
20
20
pF
0.5
0.75
0.5
0.75
mA
Reference input current
CS = VDD
0.1
0.1
μA
DIGITAL INPUTS(1)
Logic family
LVCMOS
LVCMOS
High-level input voltage
VIH VDD = 3.6V
2
VDD + 0.3
2
VDD + 0.3
V
Low-level input voltage
VIL VDD = 2.7V
–0.3
0.8
–0.3
0.8
V
Input current
IIN VI = VDD or GND
±50
±50
nA
Input capacitance
CI
5
5
pF
(1)
Applies for 3.0V nominal supply: VDD (min) = 2.7V and VDD (max) = 3.6V.
Copyright © 2002–2007, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): ADS8325



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com