Electronic Components Datasheet Search
  English  ▼

X  

ADS8325IB Datasheet(PDF) 32 Page - Texas Instruments

Part # ADS8325IB
Description  16-Bit, High-Speed, 2.7V to 5.5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS8325IB Datasheet(HTML) 32 Page - Texas Instruments

Back Button ADS8325IB Datasheet HTML 28Page - Texas Instruments ADS8325IB Datasheet HTML 29Page - Texas Instruments ADS8325IB Datasheet HTML 30Page - Texas Instruments ADS8325IB Datasheet HTML 31Page - Texas Instruments ADS8325IB Datasheet HTML 32Page - Texas Instruments ADS8325IB Datasheet HTML 33Page - Texas Instruments ADS8325IB Datasheet HTML 34Page - Texas Instruments ADS8325IB Datasheet HTML 35Page - Texas Instruments ADS8325IB Datasheet HTML 36Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 32 / 36 page
background image
This package incorporates an exposed thermal pad that is designed to be attached directly to an external heatsink. The
thermal pad must be soldered directly to the printed circuit board (PCB). After soldering, the PCB can be used as a
heatsink. In addition, through the use of thermal vias, the thermal pad can be attached directly to the appropriate copper
plane shown in the electrical schematic for the device, or alternatively, can be attached to a special heatsink structure
designed into the PCB. This design optimizes the heat transfer from the integrated circuit (IC).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com