Electronic Components Datasheet Search
  English  ▼

X  

ADS8325IB Datasheet(PDF) 13 Page - Texas Instruments

Part # ADS8325IB
Description  16-Bit, High-Speed, 2.7V to 5.5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS8325IB Datasheet(HTML) 13 Page - Texas Instruments

Back Button ADS8325IB Datasheet HTML 9Page - Texas Instruments ADS8325IB Datasheet HTML 10Page - Texas Instruments ADS8325IB Datasheet HTML 11Page - Texas Instruments ADS8325IB Datasheet HTML 12Page - Texas Instruments ADS8325IB Datasheet HTML 13Page - Texas Instruments ADS8325IB Datasheet HTML 14Page - Texas Instruments ADS8325IB Datasheet HTML 15Page - Texas Instruments ADS8325IB Datasheet HTML 16Page - Texas Instruments ADS8325IB Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 36 page
background image
www.ti.com
TYPICAL CHARACTERISTICS: VDD = +2.7V
3
2
1
0
-1
-2
-3
0000
H
4000
H
8000
H
C000
H
FFFF
H
OutputCode
3
2
1
0
-1
-2
-3
0000
H
4000
H
8000
H
C000
H
FFFF
H
OutputCode
0
-20
-40
-60
-80
-100
-120
-140
-160
0
10
20
30
40
50
Frequency(kHz)
0
-20
-40
-60
-80
-100
-120
-140
-160
0
10
20
30
40
50
Frequency(kHz)
SNR
SINAD
95
85
75
65
55
45
1
10
100
245
Frequency(kHz)
100
90
80
70
60
50
40
-100
-90
-80
-70
-60
-50
-40
1
10
100
245
Frequency(kHz)
SFDR
THD
(1)
NOTE:(1)Firstnine
harmonicsofthe
inputfrequency.
ADS8325
SBAS226C – MARCH 2002 – REVISED AUGUST 2007
At TA = +25°C, VDD = 2.7V, VREF = 2.5V, fSAMPLE = 100kHz, fCLK = 24 × fSAMPLE, unless otherwise noted.
INTEGRAL LINEARITY ERROR
DIFFERENTIAL LINEARITY ERROR
vs CODE
vs CODE
Figure 15.
Figure 16.
FREQUENCY SPECTRUM
FREQUENCY SPECTRUM
(8192 Point FFT, fIN = 1.0132kHz, –0.2 dB)
(8192 Point FFT, fIN = 10.0022kHz, –0.2 dB)
Figure 17.
Figure 18.
SIGNAL-TO-NOISE RATIO AND
SPURIOUS-FREE DYNAMIC RANGE AND
SIGNAL-TO-NOISE + DISTORTION
TOTAL HARMONIC DISTORTION
vs INPUT FREQUENCY
vs INPUT FREQUENCY
Figure 19.
Figure 20.
Copyright © 2002–2007, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Link(s): ADS8325



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com