Electronic Components Datasheet Search
  English  ▼

X  

TMS320DM355 Datasheet(PDF) 56 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM355
Description  Digital Media System-on-Chip (DMSoC)
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320DM355 Datasheet(HTML) 56 Page - Texas Instruments

Back Button TMS320DM355 Datasheet HTML 52Page - Texas Instruments TMS320DM355 Datasheet HTML 53Page - Texas Instruments TMS320DM355 Datasheet HTML 54Page - Texas Instruments TMS320DM355 Datasheet HTML 55Page - Texas Instruments TMS320DM355 Datasheet HTML 56Page - Texas Instruments TMS320DM355 Datasheet HTML 57Page - Texas Instruments TMS320DM355 Datasheet HTML 58Page - Texas Instruments TMS320DM355 Datasheet HTML 59Page - Texas Instruments TMS320DM355 Datasheet HTML 60Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 154 page
background image
www.ti.com
DM355
PREFIX
TMX 320
DM355
ZCE
TMX = Experimentaldevice
TMS = Qualifieddevice
DEVICEFAMILY
320 = TMS320
DSP family
PACKAGE TYPE (A)
ZCE = 337-pinplasticBGA,withPb-freesolderedballs
DEVICE(B)
A. BGA =BallGrid Array
B.
()
SILICONREVISION
Blank=InitialSilicon1.1
SPEEDGRADE
216MHz
270MHz
216
2.6.3
Device Documentation
2.6.3.1 Related Documentation From Texas Instruments
TMS320DM355
Digital Media System-on-Chip (DMSoC)
SPRS463D – SEPTEMBER 2007 – REVISED FEBRUARY 2008
TI device nomenclature also includes a suffix with the device family name. This suffix indicates the
package type (for example, ZCE), the temperature range (for example, "Blank" is the commercial
temperature range), and the device speed range in megahertz (for example, 202 is 202.5 MHz). The
following figure provides a legend for reading the complete device name for any TMS320DM355 DMSoC
platform member.
Figure 2-5. Device Nomenclature
The following documents describe the TMS320DM35x Digital Media System-on-Chip (DMSoC). Copies of
these documents are available on the internet at www.ti.com.
SPRS463
TMS320DM355 Digital Media System-on-Chip (DMSoC) Data Manual
This document
describes the overall TMS320DM355 system, including device architecture and features,
memory map, pin descriptions, timing characteristics and requirements, device mechanicals,
etc.
SPRZ264
TMS320DM355 DMSoC Silicon Errata Describes the known exceptions to the functional
specifications for the TMS320DM355 DMSoC.
SPRUFB3
TMS320DM35x Digital Media System-on-Chip (DMSoC) ARM Subsystem Reference
Guide This document describes the ARM Subsystem in the TMS320DM35x Digital Media
System-on-Chip (DMSoC). The ARM subsystem is designed to give the ARM926EJ-S
(ARM9) master control of the device. In general, the ARM is responsible for configuration
and control of the device; including the components of the ARM Subsystem, the peripherals,
and the external memories.
SPRUED1
TMS320DM35x
Digital
Media
System-on-Chip
(DMSoC)
Asynchronous
External
Memory Interface (EMIF) Reference Guide This document describes the asynchronous
external memory interface (EMIF) in the TMS320DM35x Digital Media System-on-Chip
(DMSoC). The EMIF supports a glueless interface to a variety of external devices.
SPRUED2
TMS320DM35x Digital Media System-on-Chip (DMSoC) Universal Serial Bus (USB)
Controller Reference Guide This document describes the universal serial bus (USB)
controller in the TMS320DM35x Digital Media System-on-Chip (DMSoC). The USB controller
supports data throughput rates up to 480 Mbps. It provides a mechanism for data transfer
between USB devices and also supports host negotiation.
SPRUED3
TMS320DM35x Digital Media System-on-Chip (DMSoC) Audio Serial Port (ASP)
Reference Guide This document describes the operation of the audio serial port (ASP)
Device Overview
56
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com