Electronic Components Datasheet Search
  English  ▼

X  

TMS320DM355 Datasheet(PDF) 27 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM355
Description  Digital Media System-on-Chip (DMSoC)
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320DM355 Datasheet(HTML) 27 Page - Texas Instruments

Back Button TMS320DM355 Datasheet HTML 23Page - Texas Instruments TMS320DM355 Datasheet HTML 24Page - Texas Instruments TMS320DM355 Datasheet HTML 25Page - Texas Instruments TMS320DM355 Datasheet HTML 26Page - Texas Instruments TMS320DM355 Datasheet HTML 27Page - Texas Instruments TMS320DM355 Datasheet HTML 28Page - Texas Instruments TMS320DM355 Datasheet HTML 29Page - Texas Instruments TMS320DM355 Datasheet HTML 30Page - Texas Instruments TMS320DM355 Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 154 page
background image
www.ti.com
TMS320DM355
Digital Media System-on-Chip (DMSoC)
SPRS463D – SEPTEMBER 2007 – REVISED FEBRUARY 2008
Table 2-11. GPIO Terminal Functions (continued)
TERMINAL
TYPE(1)
OTHER(2)(3)
DESCRIPTION
NAME
NO.
Standard CCD Analog Front End (AFE): raw[07] YCC 16-bit: time multiplexed
between luma: Y[07] YCC 08-bit (which allows for 2 simultaneous decoder
YIN7 /
PD
L5
I/O/Z
inputs), it is time multiplexed between luma and chroma of the lower channel.
GIO093
VDD_VIN
Y/CB/CR[07]
GIO: GIO[093]
Standard CCD Analog Front End (AFE): raw[08] YCC 16-bit: time multiplexed
between chroma: CB/CR[00] YCC 08-bit (which allows for 2 simultaneous
CIN0 /
PD
J3
I/O/Z
decoder inputs), it is time multiplexed between luma and chroma of the upper
GIO094
VDD_VIN
channel. Y/CB/CR[00]
GIO: GIO[094]
Standard CCD Analog Front End (AFE): raw[09] YCC 16-bit: time multiplexed
between chroma: CB/CR[01] YCC 08-bit (which allows for 2 simultaneous
CIN1 /
PD
L3
I/O/Z
decoder inputs), it is time multiplexed between luma and chroma of the upper
GIO095
VDD_VIN
channel. Y/CB/CR[01]
GIO: GIO[095]
Standard CCD Analog Front End (AFE): raw[10] YCC 16-bit: time multiplexed
between chroma: CB/CR[02] YCC 08-bit (which allows for 2 simultaneous
CIN2 /
PD
J5
I/O/Z
decoder inputs), it is time multiplexed between luma and chroma of the upper
GIO096
VDD_VIN
channel. Y/CB/CR[02]
GIO: GIO[096]
Standard CCD Analog Front End (AFE): raw[11] YCC 16-bit: time multiplexed
between chroma: CB/CR[03] YCC 08-bit (which allows for 2 simultaneous
CIN3 /
PD
J4
I/O/Z
decoder inputs), it is time multiplexed between luma and chroma of the upper
GIO097
VDD_VIN
channel. Y/CB/CR[03]
GIO: GIO[097]
CIN4 /
Standard CCD Analog Front End (AFE): raw[12] YCC 16-bit: time multiplexed
GIO098 /
between chroma: CB/CR[04] YCC 08-bit (which allows for 2 simultaneous
SPI2_SDI
PD
L4
I/O/Z
decoder inputs), it is time multiplexed between luma and chroma of the upper
/
VDD_VIN
channel. Y/CB/CR[04] SPI: SPI2 Data In -OR- SPI2 Chip select 1.
SPI2_SDE
GIO: GIO[098]
NA[1]
Standard CCD Analog Front End (AFE): raw[13] YCC 16-bit: time multiplexed
CIN5 /
between chroma: CB/CR[05] YCC 08-bit (which allows for 2 simultaneous
GIO099 /
PD
M3
I/O/Z
decoder inputs), it is time multiplexed between luma and chroma of the upper
SPI2_SDE
VDD_VIN
channel. Y/CB/CR[05] SPI: SPI2 Chip Select 0.
NA[0]
GIO: GIO[99]
Standard CCD Analog Front End (AFE): NOT USED YCC 16-bit: time
CIN6 /
multiplexed between chroma: CB/CR[06] YCC 08-bit (which allows for 2
GIO100 /
PD
K5
I/O/Z
simultaneous decoder inputs), it is time multiplexed between luma and chroma of
SPI2_SD
VDD_VIN
the upper channel. Y/CB/CR[06] SPI: SPI2 Data Out
O
GIO: GIO[100]
Standard CCD Analog Front End (AFE): NOT USED YCC 16-bit: time
CIN7 /
multiplexed between chroma: CB/CR[07] YCC 08-bit (which allows for 2
GIO101 /
PD
N3
I/O/Z
simultaneous decoder inputs), it is time multiplexed between luma and chroma of
SPI2_SCL
VDD_VIN
the upper channel. Y/CB/CR[07] SPI: SPI2 Clock
K
GIO: GIO[101]
SPI0_SDI
SPI0: Data In
A12
I/O/Z
VDD
/ GIO102
GIO: GIO[102]
SPI0_SDE
SPI0: Chip Select 0
NA[0] /
B12
I/O/Z
VDD
GIO: GIO[103]
GIO103
Submit Documentation Feedback
Device Overview
27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com