Electronic Components Datasheet Search
  English  ▼

X  

TMS320DM355 Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM355
Description  Digital Media System-on-Chip (DMSoC)
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320DM355 Datasheet(HTML) 14 Page - Texas Instruments

Back Button TMS320DM355 Datasheet HTML 10Page - Texas Instruments TMS320DM355 Datasheet HTML 11Page - Texas Instruments TMS320DM355 Datasheet HTML 12Page - Texas Instruments TMS320DM355 Datasheet HTML 13Page - Texas Instruments TMS320DM355 Datasheet HTML 14Page - Texas Instruments TMS320DM355 Datasheet HTML 15Page - Texas Instruments TMS320DM355 Datasheet HTML 16Page - Texas Instruments TMS320DM355 Datasheet HTML 17Page - Texas Instruments TMS320DM355 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 154 page
background image
www.ti.com
TMS320DM355
Digital Media System-on-Chip (DMSoC)
SPRS463D – SEPTEMBER 2007 – REVISED FEBRUARY 2008
Table 2-5. CCD Controller/Video Input Terminal Functions
TERMINAL
TYPE(1)
OTHER(2)(3)
DESCRIPTION
NAME
NO.
Standard CCD Analog Front End (AFE): NOT USED
•
YCC 16-bit: Time multiplexed between chroma: CB/SR[07]
CIN7/
PD
•
YCC 8-bit (which allows for two simultaneous decoder inputs), it is time
GIO101/
N3
I/O/Z
VDD_VIN
multiplexed between luma and chroma of the upper channel. Y/CB/CR[07]
SPI2_SCLK
SPI: SPI2 Clock
GIO: GIO[101]
Standard CCD Analog Front End (AFE): NOT USED
•
YCC 16-bit: Time multiplexed between chroma: CB/SR[06]
CIN6/
PD
•
YCC 8-bit (which allows for two simultaneous decoder inputs), it is time
GIO100/
K5
I/O/Z
VDD_VIN
multiplexed between luma and chroma of the upper channel. Y/CB/CR[06]
SPI2_SDO
SPI: SPI2 Data Out
GIO: GIO[100]
Standard CCD Analog Front End (AFE): Raw[13]
CIN5/
•
YCC 16-bit: Time multiplexed between chroma: CB/SR[05]
GIO099/
PD
•
YCC 8-bit (which allows for two simultaneous decoder inputs), it is time
M3
I/O/Z
SPI2_SDEN
VDD_VIN
multiplexed between luma and chroma of the upper channel. Y/CB/CR[05]
A[0]
SPI: SPI2 Chip Select
GIO: GIO[099]
Standard CCD Analog Front End (AFE): Raw[12]
CIN4/
•
YCC 16-bit: Time multiplexed between chroma: CB/SR[04]
GIO098/
PD
•
YCC 8-bit (which allows for two simultaneous decoder inputs), it is time
L4
I/O/Z
SPI2_SDEN
VDD_VIN
multiplexed between luma and chroma of the upper channel. Y/CB/CR[04]
A[1]
SPI: SPI2 Data In
GIO: GIO[098]
Standard CCD Analog Front End (AFE): Raw[11]
•
YCC 16-bit: Time multiplexed between chroma: CB/SR[03]
CIN3/
PD
J4
I/O/Z
•
YCC 8-bit (which allows for two simultaneous decoder inputs), it is time
GIO097/
VDD_VIN
multiplexed between luma and chroma of the upper channel. Y/CB/CR[03]
GIO: GIO[097]
Standard CCD Analog Front End (AFE): Raw[10]
•
YCC 16-bit: Time multiplexed between chroma: CB/SR[02]
CIN2/
PD
J5
I/O/Z
•
YCC 8-bit (which allows for two simultaneous decoder inputs), it is time
GIO096/
VDD_VIN
multiplexed between luma and chroma of the upper channel. Y/CB/CR[02]
GIO: GIO[097]
Standard CCD Analog Front End (AFE): Raw[09]
•
YCC 16-bit: Time multiplexed between chroma: CB/SR[01]
CIN1/
PD
L3
I/O/Z
•
YCC 8-bit (which allows for two simultaneous decoder inputs), it is time
GIO095/
VDD_VIN
multiplexed between luma and chroma of the upper channel. Y/CB/CR[01]
GIO: GIO[095]
Standard CCD Analog Front End (AFE): Raw[08]
•
YCC 16-bit: Time multiplexed between chroma: CB/SR[00]
CIN0/
PD
J3
I/O/Z
•
YCC 8-bit (which allows for two simultaneous decoder inputs), it is time
GIO094/
VDD_VIN
multiplexed between luma and chroma of the upper channel. Y/CB/CR[00]
GIO: GIO[094]
Standard CCD Analog Front End (AFE): Raw[07]
•
YCC 16-bit: Time multiplexed between chroma: Y[07]
YIN7/
PD
L5
I/O/Z
•
YCC 8-bit (which allows for two simultaneous decoder inputs), it is time
GIO093
VDD_VIN
multiplexed between luma and chroma of the upper channel. Y/CB/CR[07]
GIO: GIO[093]
Standard CCD Analog Front End (AFE): Raw[06]
•
YCC 16-bit: Time multiplexed between chroma: Y[06]
YIN6/
PD
M4
I/O/Z
•
YCC 8-bit (which allows for two simultaneous decoder inputs), it is time
GIO092
VDD_VIN
multiplexed between luma and chroma of the upper channel. Y/CB/CR[06]
GIO: GIO[092]
(1)
I = Input, O = Output, Z = High impedance, S = Supply voltage, GND = Ground, A = Analog signal.
(2)
PD = internal pull-down, PU = internal pull-up. (To pull up a signal to the opposite supply rail, a 1 k
Ω resistor should be used.)
(3)
Specifies the operating I/O supply voltage for each signal. See Section 5.3, Power Supplies for more detail.
Device Overview
14
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com