| Electronic Components Datasheet Search |
|
TMS320DM355 Datasheet(PDF) 77 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TMS320DM355 Datasheet(HTML) 77 Page - Texas Instruments |
|
77 / 154 page ![]() www.ti.com 3.7 Power and Sleep Controller (PSC) arm_clock arm_mreset arm_power AINTC ARM module_power module_mreset MODx module_clock Alwayson domain Interrupt PSC clks PLLC Emulation RESET V DD DMSoC 3.8 System Control Module TMS320DM355 Digital Media System-on-Chip (DMSoC) SPRS463D – SEPTEMBER 2007 – REVISED FEBRUARY 2008 In the DM355 system, the Power and Sleep Controller (PSC) is responsible for managing transitions of system power on/off, clock on/off, and reset. A block diagram of the PSC is shown in Figure 3-5. Many of the operations of the PSC are transparent to software, such as power-on-reset operations. However, the PSC provides you with an interface to control several important clock and reset operations. The PSC includes the following features: • Manages chip power-on/off, clock on/off, and resets • Provides a software interface to: – Control module clock ON/OFF – Control module resets • Supports IcePick emulation features: power, clock, and reset For more information on the PSC, see the TMS320DM35x Digital Media System-on-Chip (DMSoC) ARM Subsystem Reference Guide (literature number SPRUFB3) . Figure 3-5. DM355 Power and Sleep Controller (PSC) The DM355’s system control module is a system-level module containing status and top-level control logic required by the device. The system control module consists of a miscellaneous set of status and control registers, accessible by the ARM and supporting all of the following system features and operations: • Device identification • Device configuration – Pin multiplexing control – Device boot configuration status • ARM interrupt and EDMA event multiplexing control • Special peripheral status and control – Timer64+ – USB PHY control – VPSS clock and video DAC control and status – DDR VTP control – Clockout circuitry – GIO de-bounce control Submit Documentation Feedback Detailed Device Description 77 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |