Electronic Components Datasheet Search
  English  ▼

X  

TMS320DM355 Datasheet(PDF) 92 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM355
Description  Digital Media System-on-Chip (DMSoC)
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320DM355 Datasheet(HTML) 92 Page - Texas Instruments

Back Button TMS320DM355 Datasheet HTML 88Page - Texas Instruments TMS320DM355 Datasheet HTML 89Page - Texas Instruments TMS320DM355 Datasheet HTML 90Page - Texas Instruments TMS320DM355 Datasheet HTML 91Page - Texas Instruments TMS320DM355 Datasheet HTML 92Page - Texas Instruments TMS320DM355 Datasheet HTML 93Page - Texas Instruments TMS320DM355 Datasheet HTML 94Page - Texas Instruments TMS320DM355 Datasheet HTML 95Page - Texas Instruments TMS320DM355 Datasheet HTML 96Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 154 page
background image
www.ti.com
4.2 Recommended Operating Conditions
TMS320DM355
Digital Media System-on-Chip (DMSoC)
SPRS463D – SEPTEMBER 2007 – REVISED FEBRUARY 2008
MIN NOM
MAX
UNIT
CVDD
Supply voltage, Core
1.235
1.3
1.365
V
VDDA_PLL1
Supply voltage, PLL1
1.235
1.3
1.365
V
VDDA_PLL2
Supply voltage, PLL2
1.235
1.3
1.365
V
VDDD13_USB
Supply voltage, USB Digital
1.235
1.3
1.365
V
VDDA13_USB
Supply voltage, USB Analog
1.235
1.3
1.365
V
VDDA33_USB
Supply voltage, USB Analog
3.135
3.3
3.465
V
Supply Voltage
VDDA33_USB_PLL
Supply voltage, USB Common PLL
3.135
3.3
3.465
V
VDD_DDR
Supply voltage, DDR2 / MDDR
1.71
1.8
1.89
V
VDDA33_DDRDLL
Supply voltage, DDR DLL Analog
3.135
3.3
3.465
V
VDD_VIN
Supply voltage, Digital video In
3.135
3.3
3.465
V
VDD_VOUT
Supply voltage, Digital Video Out
3.135
3.3
3.465
V
VDDA18_DAC
Supply voltage, DAC Analog
1.71
1.8
1.89
V
VDD
Supply voltage, I/Os
3.135
3.3
3.465
V
VSS
Supply ground, Core, USB Digital
0
0
0
V
VSSA_PLL1
Supply ground, PLL1
0
0
0
V
VSSA_PLL2
Supply ground, PLL2
0
0
0
V
VSS_USB
Supply ground, USB
0
0
0
V
Supply Ground
VSSA_DLL
Supply ground, DLL
0
0
0
V
VSSA_DAC
Supply ground, DAC Analog
0
0
0
V
VSS_MX1
MXI1 osc ground(1)
0
0
0
V
VSS_MX2
MXI2 osc ground(1)
0
0
0
V
Voltage Input High
VIH
High-level input voltage(2)
2
V
Voltage Input Low
VIL
Low-level input voltage(2)
0.8
V
VREF
DAC reference voltage
450
mV
RBIAS
DAC full-scale current adjust resistor
2550
Ω
DAC(3)
RLOAD
Output resistor
499
Ω
CBG
Bypass capacitor
0.1
µF
Output resistor (ROUT), between TVOUT and
ROUT
1070
VFB pins
Ω
RFB
Feedback resistor, between VFB and IOUT pins.
1000
Video Buffer(3)
RBIAS
DAC full-scale current adjust resistor
2550
Ω
CBG
Bypass capacitor
0.1
µA
USB_VBUS
USB external charge pump input
4.85
5
5.25
V
USB
R1
USB reference resistor(4)
9.9
10
10.1
k
Ω
Temperature
Tc
Operating case temperature rage
0
85
°C
(1)
Oscillator ground must be kept separate from other grounds and connected directly to the crystal load capacitor ground (see
Section 5.5.1).
(2)
These I/O specifications apply to regular 3.3 V I/Os and do not apply to DDR2/mDDR, USB I/Os. DDR2/mDDR I/Os are 1.8 V I/Os and
adhere to JESD79-2A standard, USB I/Os adhere to USB2.0 spec.
(3)
See Section 5.9.2.4. Also, resistors should be E-96 spec line (3 digits with 1% accuracy).
(4)
Connect USB_R1 to VSS_USB_REF via 10K ohm, 1% resistor placed as close to the device as possible.
Device Operating Conditions
92
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com