Electronic Components Datasheet Search
  English  ▼

X  

TMS320DM355 Datasheet(PDF) 121 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM355
Description  Digital Media System-on-Chip (DMSoC)
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320DM355 Datasheet(HTML) 121 Page - Texas Instruments

Back Button TMS320DM355 Datasheet HTML 117Page - Texas Instruments TMS320DM355 Datasheet HTML 118Page - Texas Instruments TMS320DM355 Datasheet HTML 119Page - Texas Instruments TMS320DM355 Datasheet HTML 120Page - Texas Instruments TMS320DM355 Datasheet HTML 121Page - Texas Instruments TMS320DM355 Datasheet HTML 122Page - Texas Instruments TMS320DM355 Datasheet HTML 123Page - Texas Instruments TMS320DM355 Datasheet HTML 124Page - Texas Instruments TMS320DM355 Datasheet HTML 125Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 121 / 154 page
background image
www.ti.com
5.9.2.2 Video Encoder / Digital LCD Controller (VENC/DLCD)
TMS320DM355
Digital Media System-on-Chip (DMSoC)
SPRS463D – SEPTEMBER 2007 – REVISED FEBRUARY 2008
blending for that corresponding video pixel)
• Ability to resize from VGA to NTSC/PAL (640x480 to 720x576) for both the OSD and video windows
• Horizontal rescaling x1.5 is supported
• Support for a rectangular cursor window and a programmable background color selection.
• The width, height, and color of the cursor is selectable
• The display priority is: Rectangular-Cursor > OSDWIN1 > OSDWIN0 > VIDWIN1 > VIDWIN0 >
background color
• Support for attenuation of the YCbCr values for the REC601 standard.
The following restrictions exist in the OSD module.
• If the vertical resize filter is enabled for either of the video windows, the maximum horizontal window
dimension cannot be greater than 720 currently. This is due to the limitation in the size of the line
memory.
• It is not possible to use both of the CLUT ROMs at the same time. However, a window can use RAM
while another uses ROM.
The VENC/DLCD consists of three major blocks; a) the video encoder that generates analog video output,
b) the digital LCD controller that generates digital RGB/YCbCr data output and timing signals, and c) the
timing generator.
The video encoder for analog video supports the following features:
• Master Clock Input - 27 MHz (x2 Upsampling)
• Programmable Timing Generator
• SDTV Support
–
Composite NTSC-M, PAL-B/D/G/H/I
–
Non-Interlace option
–
CGMS/WSS
–
Line 21 Closed Caption Data Encoding
–
Chroma Low Pass Filter 1.5MHz/3MHz
–
Programmable SC-H phase
• 10-bit Over-Sampling D/A Converter (27MHz)
• Internal analog video buffer
• Optional 7.5% Pedestal
• 16-235/0-255 Input Amplitude Selectable
• Programmable Luma Delay
• Master/Slave Operation
• Internal Color Bar Generation (75%)
The digital LCD controller supports the following features:
• Programmable DCLK
• Programmable Timing Generator
• Various Output Format
–
YCbCr 16bit
–
YCbCr 8bit
–
ITU-R BT. 656
–
Parallel RGB 16-bit/18-bit
–
Serial 8-bit RGB
• Low Pass Filter for Digital RGB Output
• Master/Slave Operation
Submit Documentation Feedback
DM355 Peripheral Information and Electrical Specifications
121



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com