Electronic Components Datasheet Search
  English  ▼

X  

INA260 Datasheet(PDF) 17 Page - Texas Instruments

Part # INA260
Description  INA260 Precision Digital Current and Power Monitor With Low-Drift, Precision Integrated Shunt
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA260 Datasheet(HTML) 17 Page - Texas Instruments

Back Button INA260 Datasheet HTML 13Page - Texas Instruments INA260 Datasheet HTML 14Page - Texas Instruments INA260 Datasheet HTML 15Page - Texas Instruments INA260 Datasheet HTML 16Page - Texas Instruments INA260 Datasheet HTML 17Page - Texas Instruments INA260 Datasheet HTML 18Page - Texas Instruments INA260 Datasheet HTML 19Page - Texas Instruments INA260 Datasheet HTML 20Page - Texas Instruments INA260 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 38 page
background image
17
INA260
www.ti.com
SBOS656C – JULY 2016 – REVISED DECEMBER 2016
Product Folder Links: INA260
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
(1)
Conditions: Load = 12.5 A, VCM = 11.98 V.
8.5 Programming
8.5.1 Calculating Returned Values
The LSB size for the Bus Voltage Register (02h), Current Register, and Power Register are fixed and are shown
in Table 1. To calculate any of the values for current, voltage or power take the decimal value returned by the
device and multiply that value by the LSB size. For example, the LSB for the bus voltage is 1.25 mV/bit, if the
device returns a decimal value of 9584 (2570h), the value of the bus voltage is calculated to be
1.25 mV × 9584 = 11.98 V. Because the INA260 supports current measurements in either direction, the returned
value for negative currents (currents flowing from IN- to IN+) is represented in two's complement format.
Returned values for power will always be positive even when the current is negative.
Table 1. Calculating Current and Power(1)
REGISTER NAME
ADDRESS
CONTENTS
DEC
LSB
VALUE
Current Register
01h
2710h
10000
1.25 mA
12.5 A
Bus Voltage Register
02h
2570h
9584
1.25 mV
11.98 V
Power Register
03h
3A7Fh
14975
10 mW
149.75 W
8.5.2 Default Settings
The default power-up states of the registers are shown in the Register Maps section of this data sheet. These
registers are volatile, and if programmed to a value other than the default values shown in Table 4, they must be
re-programmed at every device power-up.
8.5.3 Communications Bus Overview
The INA260 offers compatibility with both I2C and SMBus interfaces. The I2C and SMBus protocols are
essentially compatible with one another.
The I2C interface is used throughout this data sheet as the primary example, with SMBus protocol specified only
when a difference between the two systems is discussed. Two lines, SCL and SDA, connect the device to the
bus. Both SCL and SDA connect to the bus and require external pullup resistors.
The device that initiates a data transfer is called a master, and the devices controlled by the master are slaves.
The bus must be controlled by a master device that generates the serial clock (SCL), controls the bus access,
and generates START and STOP conditions. The SCL pin on the INA260 is an input only and will not stretch the
clock by holding the clock line low.
To address a specific device, the master initiates a start condition by pulling the data signal line (SDA) from a
high to a low logic level while SCL is high. All slaves on the bus shift in the slave address byte on the rising edge
of SCL, with the last bit indicating whether a read or write operation is intended. During the ninth clock pulse, the
slave being addressed responds to the master by generating an Acknowledge and pulling SDA low.
Data transfer is then initiated and eight bits of data are sent, followed by an Acknowledge bit. During data
transfer, SDA must remain stable while SCL is high. Any change in SDA while SCL is high is interpreted as a
start or stop condition.
After all data have been transferred, the master generates a stop condition, indicated by pulling SDA from low to
high while SCL is high. The device includes a 28-ms timeout on its interface to prevent locking up the bus.
8.5.3.1 Serial Bus Address
To communicate with the device, the master must first address the INA260 through a slave address byte. The
slave address byte consists of seven address bits and a direction bit that indicates whether the action is to be a
read or write operation.
The device has two address pins, A0 and A1 that can be connected to GND, VS, SCL or SDA to set the desired
address. Table 2 lists the pin connections for each of the 16 possible addresses. The device samples the state of
pins A0 and A1 on every bus communication in order to establish the pin states before any activity on the
interface occurs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com