Electronic Components Datasheet Search
  English  ▼

X  

INA260 Datasheet(PDF) 4 Page - Texas Instruments

Part # INA260
Description  INA260 Precision Digital Current and Power Monitor With Low-Drift, Precision Integrated Shunt
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA260 Datasheet(HTML) 4 Page - Texas Instruments

  INA260 Datasheet HTML 1Page - Texas Instruments INA260 Datasheet HTML 2Page - Texas Instruments INA260 Datasheet HTML 3Page - Texas Instruments INA260 Datasheet HTML 4Page - Texas Instruments INA260 Datasheet HTML 5Page - Texas Instruments INA260 Datasheet HTML 6Page - Texas Instruments INA260 Datasheet HTML 7Page - Texas Instruments INA260 Datasheet HTML 8Page - Texas Instruments INA260 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 38 page
background image
1
IN+
16
IN±
2
IN+
15
IN±
3
IN+
14
IN±
4
A1
13
NC
5
A0
12
VBUS
6
GND
11
GND
7
ALERT
10
VS
8
SDA
9
SCL
Not to scale
4
INA260
SBOS656C – JULY 2016 – REVISED DECEMBER 2016
www.ti.com
Product Folder Links: INA260
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
6 Pin Configuration and Functions
PW Package
16-Pin TSSOP
Top View
Pin Functions
PIN
I/O
DESCRIPTION
NAME
NO.
A0
5
Digital input
Address pin. Connect to GND, SCL, SDA, or VS. Table 2 shows pin settings and corresponding addresses.
A1
4
Digital input
Address pin. Connect to GND, SCL, SDA, or VS. Table 2 shows pin settings and corresponding addresses.
ALERT
7
Digital output
Multi-functional alert, open-drain output.
GND
6, 11
Analog
Ground pin for both analog and digital circuits.
IN+
1, 2, 3
Analog input
Connect to supply for high side current sensing or to load ground for low side sensing.
IN–
14, 15, 16
Analog input
Connect to load for high side current sensing or to board ground for low side sensing.
NC
13
—
No internal connection. Can be grounded or left floating.
SCL
9
Digital input
Serial bus clock line input.
SDA
8
Digital I/O
Serial bus data line, open-drain input/output.
VBUS
12
Analog input
Bus voltage monitor input.
VS
10
Analog
Power supply input, connect a 2.7 V to 5.5 V supply to this pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com