Electronic Components Datasheet Search
  English  ▼

X  

INA260 Datasheet(PDF) 8 Page - Texas Instruments

Part # INA260
Description  INA260 Precision Digital Current and Power Monitor With Low-Drift, Precision Integrated Shunt
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA260 Datasheet(HTML) 8 Page - Texas Instruments

Back Button INA260 Datasheet HTML 4Page - Texas Instruments INA260 Datasheet HTML 5Page - Texas Instruments INA260 Datasheet HTML 6Page - Texas Instruments INA260 Datasheet HTML 7Page - Texas Instruments INA260 Datasheet HTML 8Page - Texas Instruments INA260 Datasheet HTML 9Page - Texas Instruments INA260 Datasheet HTML 10Page - Texas Instruments INA260 Datasheet HTML 11Page - Texas Instruments INA260 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 38 page
background image
Temperature (°C)
-50
-25
0
25
50
75
100
125
150
-0.240
-0.180
-0.120
-0.060
0.000
0.060
0.120
0.180
0.240
Common-Mode Input Voltage (V)
0
4
8
12
16
20
24
28
32
36
-0.050
-0.025
0.000
0.025
0.050
0.075
0.100
0.125
0.150
Gain Error (%)
Temperature (°C)
-50
-25
0
25
50
75
100
125
150
-150
-100
-50
0
50
100
150
Offset Current (mA)
Temperature (°C)
-50
-25
0
25
50
75
100
125
150
-1.25
-1
-0.75
-0.5
-0.25
0
0.25
0.5
0.75
1
1.25
8
INA260
SBOS656C – JULY 2016 – REVISED DECEMBER 2016
www.ti.com
Product Folder Links: INA260
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
7.6 Typical Characteristics
At TA = 25°C, VS = 3.3 V, VIN+ = 12 V, VSENSE = (VIN+ – VIN–) = 0 mV and VVBUS = 12 V, unless otherwise noted.
Figure 1. Current Sense Offset Production Distribution
Figure 2. Current Sense Offset vs Temperature
Figure 3. Current Sense Common-Mode Rejection Ratio vs
Temperature
Figure 4. Current Sense Gain Error Production Distribution
Figure 5. Current Sense Gain Error vs Temperature
Figure 6. Current Sense Gain Error vs Common-Mode
Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com