Electronic Components Datasheet Search
  English  ▼

X  

INA260 Datasheet(PDF) 10 Page - Texas Instruments

Part # INA260
Description  INA260 Precision Digital Current and Power Monitor With Low-Drift, Precision Integrated Shunt
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA260 Datasheet(HTML) 10 Page - Texas Instruments

Back Button INA260 Datasheet HTML 6Page - Texas Instruments INA260 Datasheet HTML 7Page - Texas Instruments INA260 Datasheet HTML 8Page - Texas Instruments INA260 Datasheet HTML 9Page - Texas Instruments INA260 Datasheet HTML 10Page - Texas Instruments INA260 Datasheet HTML 11Page - Texas Instruments INA260 Datasheet HTML 12Page - Texas Instruments INA260 Datasheet HTML 13Page - Texas Instruments INA260 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 38 page
background image
Temperature (°C)
-50
-25
0
25
50
75
100
125
150
240
270
300
330
360
390
420
Temperature (°C)
-50
-25
0
25
50
75
100
125
150
0
0.8
1.6
2.4
3.2
4
4.8
Temperature (°C)
-50
-25
0
25
50
75
100
125
150
14
15
16
17
18
19
20
Temperature (°C)
-50
-25
0
25
50
75
100
125
150
-400
0
400
800
1200
1600
2000
Common-Mode Voltage (V)
0
4
8
12
16
20
24
28
32
36
0
4
8
12
16
20
−60
−50
−40
−30
−20
−10
0
1
10
100
1k
10k
100k
Frequency (Hz)
G001
10
INA260
SBOS656C – JULY 2016 – REVISED DECEMBER 2016
www.ti.com
Product Folder Links: INA260
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
Typical Characteristics (continued)
At TA = 25°C, VS = 3.3 V, VIN+ = 12 V, VSENSE = (VIN+ – VIN–) = 0 mV and VVBUS = 12 V, unless otherwise noted.
Figure 13. Frequency Response
Figure 14. Input Bias Current vs Common-Mode Voltage
(Both Inputs, IN+ and IN-)
Figure 15. Input Bias Current vs Temperature (Both Inputs,
IN+ and IN-)
Figure 16. Input Bias Current vs Temperature, Shutdown
(Both Inputs, IN+ and IN-)
Figure 17. Active IQ vs Temperature
Figure 18. Shutdown IQ vs Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com