Electronic Components Datasheet Search
  English  ▼

X  

INA260 Datasheet(PDF) 7 Page - Texas Instruments

Part # INA260
Description  INA260 Precision Digital Current and Power Monitor With Low-Drift, Precision Integrated Shunt
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA260 Datasheet(HTML) 7 Page - Texas Instruments

Back Button INA260 Datasheet HTML 3Page - Texas Instruments INA260 Datasheet HTML 4Page - Texas Instruments INA260 Datasheet HTML 5Page - Texas Instruments INA260 Datasheet HTML 6Page - Texas Instruments INA260 Datasheet HTML 7Page - Texas Instruments INA260 Datasheet HTML 8Page - Texas Instruments INA260 Datasheet HTML 9Page - Texas Instruments INA260 Datasheet HTML 10Page - Texas Instruments INA260 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 38 page
background image
7
INA260
www.ti.com
SBOS656C – JULY 2016 – REVISED DECEMBER 2016
Product Folder Links: INA260
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
Electrical Characteristics (continued)
at TA = 25°C, VS = 3.3 V, VIN+ = 12 V, VSENSE = (VIN+ – VIN–) = 0 mV and VVBUS = 12 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
(4)
SMBus timeout in the INA260 resets the interface any time SCL is low for more than 28 ms.
Change due to thermal shock
–65°C
≤ TA ≤ 150°C, 500 cycles
±0.1%
Resistance change to solder heat
260°C solder, 10 s
±0.1%
High temperature exposure change
1000 hours, TA = 150°C
±0.15%
Cold temperature storage change
24 hours, TA = –65°C
±0.025%
SMBus
SMBus timeout(4)
28
35
ms
DIGITAL INPUT/OUTPUT
Input capacitance
3
pF
Leakage input current
0 V
≤ VSCL ≤ VS, 0 V ≤ VSDA ≤ VS,
0 V
≤ VALERT ≤ VS, 0 V ≤ VA0 ≤ VS,
0 V
≤ VA1 ≤ VS
0.1
1
µA
VIH
High-level input voltage
0.7 × VS
6
V
VIL
Low-level input voltage
0
0.3 × VS
V
VOL
Low-level output voltage, SDA,
ALERT
IOL = 3 mA
0
0.4
V
SDA, SCL Hysteresis
500
mV
POWER SUPPLY
Operating supply range
2.7
5.5
V
IQ
Quiescent current
310
420
µA
Quiescent current, power-down
(shutdown) mode
0.5
2
µA
VPOR
Power-on reset threshold
2
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com