Electronic Components Datasheet Search
  English  ▼

X  

AP74502Q Datasheet(PDF) 4 Page - Diodes Incorporated

Part # AP74502Q
Description  LOW IQ REVERSE BATTERY POLARITY AND OVERVOLTAGE PROTECTION CONTROLLER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP74502Q Datasheet(HTML) 4 Page - Diodes Incorporated

  AP74502Q Datasheet HTML 1Page - Diodes Incorporated AP74502Q Datasheet HTML 2Page - Diodes Incorporated AP74502Q Datasheet HTML 3Page - Diodes Incorporated AP74502Q Datasheet HTML 4Page - Diodes Incorporated AP74502Q Datasheet HTML 5Page - Diodes Incorporated AP74502Q Datasheet HTML 6Page - Diodes Incorporated AP74502Q Datasheet HTML 7Page - Diodes Incorporated AP74502Q Datasheet HTML 8Page - Diodes Incorporated AP74502Q Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
AP74502Q, AP74502HQ
Document number: DS47093 Rev. 1 - 2
4 of 22
www.diodes.com
April 2025
© 2025 Copyright Diodes Incorporated. All Rights Reserved.
AP74502Q, AP74502HQ
, AP
Electrical Characteristics
(TJ = -40°C to +125°C, VIN = 12V, CVCAP = 0.1µF, VEN = 3.3V, typical values are at TJ = +25°C, unless otherwise specified.)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VIN Supply
VVIN
Operating Input Voltage
—
4
—
75
V
VVIN_POR_RISING
VIN UVLO Rising Threshold
—
—
—
3.9
V
VVIN_POR_FALLING
VIN UVLO Falling Threshold
—
2.2
2.8
3.1
V
VVIN_POR_HYS
VIN UVLO Hysteresis
—
0.44
—
0.67
V
ISHDN
Shutdown Supply Current
VEN_UVLO = 0V
—
0.9
1.5
µA
IQ
Operating Quiescent Current
VEN_UVLO = High
—
62
84
µA
IREV
Leakage Current During Reverse
Polarity Condition
0V < VVIN ≤ -65V
—
140
200
µA
EN/UVLO Input
VEN_UVLO_RISING
EN/UVLO Rising Threshold
—
1.16
1.24
1.32
V
VEN_UVLO_FALLING
EN/UVLO Falling Threshold
—
1.027
1.14
1.235
V
VEN_UVLO_HYS
EN/UVLO Hysteresis
—
38
90
132
mV
VENF
EN Threshold Voltage for ISHDN
—
0.32
0.64
0.94
V
IEN
EN/UVLO Sink Current
—
—
3
5
µA
GATE Drive
IGATE_SOURCE
Peak Source Current
VGATE – VSRC = 5.0V
AP74502Q
40
60
77
µA
AP74502HQ
3
11
—
mA
IGATE_SINK
Peak Sink Current
EN/UVLO = High to Low,
VGATE – VSRC = 5.0V
—
2370
—
mA
RDS_ON
GATE Discharge Switch RDS_ON
EN/UVLO = High to Low
VGATE – VSRC = 100mV
0.4
—
2
Ω
Charge Pump
VVCAP – VSRC
Charge Pump Voltage
at VSRC = 3.2V
IVCAP ≤ 30µA
8
—
—
V
Charge Pump Turn-On Voltage
—
10.3
11.6
13
V
Charge Pump Turn-Off Voltage
—
11
12.4
13.9
V
Charge Pump Turn-On/Off
Hysteresis
—
0.45
0.8
1.6
V
IVCAP_SOURCE
Charge Pump Source Current
VVCAP – VSRC = 7V
162
250
600
µA
IVCAP_SINK
Charge Pump Sink Current
VVCAP – VSRC = 14V
—
5
10
µA
VVCAP_UVLO_RISING
VVCAP – VSRC UVLO Rising
Threshold
—
5.7
6.5
7.5
V
VVCAP_UVLO_FALLING
VVCAP – VSRC UVLO Falling
Threshold
—
5.05
5.4
6.5
V
OVERVOLTAGE PROTECTION
VOV_RISING
Overvoltage Input Rising
Threshold
—
1.165
1.25
1.333
V
VOV_FALLING
Overvoltage Input Falling
Threshold
—
1.063
1.143
1.222
V
VOV_HYS
Overvoltage Hysteresis
—
—
100
—
mV
IOV
Overvoltage Input Leakage
Current
—
12
50
110
nA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com