Electronic Components Datasheet Search
  English  ▼

X  

AP74502Q Datasheet(PDF) 3 Page - Diodes Incorporated

Part # AP74502Q
Description  LOW IQ REVERSE BATTERY POLARITY AND OVERVOLTAGE PROTECTION CONTROLLER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP74502Q Datasheet(HTML) 3 Page - Diodes Incorporated

  AP74502Q Datasheet HTML 1Page - Diodes Incorporated AP74502Q Datasheet HTML 2Page - Diodes Incorporated AP74502Q Datasheet HTML 3Page - Diodes Incorporated AP74502Q Datasheet HTML 4Page - Diodes Incorporated AP74502Q Datasheet HTML 5Page - Diodes Incorporated AP74502Q Datasheet HTML 6Page - Diodes Incorporated AP74502Q Datasheet HTML 7Page - Diodes Incorporated AP74502Q Datasheet HTML 8Page - Diodes Incorporated AP74502Q Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
AP74502Q, AP74502HQ
Document number: DS47093 Rev. 1 - 2
3 of 22
www.diodes.com
April 2025
© 2025 Copyright Diodes Incorporated. All Rights Reserved.
AP74502Q, AP74502HQ
, AP
Absolute Maximum Ratings (@TA = +25°C, unless otherwise specified.) (Note 4)
Symbol
Parameter
Ratings
Unit
ESD HBM
Human Body ESD Protection
±2
kV
ESD CDM
Charged Device Model ESD Protection
±750
V
VIN to GND
Input Voltage at VIN
-80 to +80
V
EN/UVLO, OVLO to GND
VVIN > 0V
-0.3 to +80
V
VVIN ≤ 0V
VVIN to (VVIN +80)
V
SRC to GND
VVIN > 0V
-(80-VVIN) to VVIN
V
VVIN ≤ 0V
VVIN +0.3
V
GATE to SRC
—
0 to 15
V
VCAP to VIN
—
-0.3 to 15
V
TJ(MAX)
Maximum Operating Junction Temperature
-40 to +150
°C
TSTG
Storage Temperature
-40 to +150
°C
Note:
4. Stresses greater than the 'Absolute Maximum Ratings' specified above can cause permanent damage to the device. These are stress ratings only;
functional operation of the device at these or any other conditions exceeding those indicated in this specification is not implied. Device reliability can be
affected by exposure to absolute maximum rating conditions for extended periods of time.
Package Thermal Information (Notes 5 & 6)
Symbol
Parameter
Value
Unit
RθJA
Junction-to-Ambient Thermal Resistance
176.9
°C/W
RθJC(top)
Junction-to-Case (Top) Thermal Resistance
122.0
°C/W
RθJB
Junction-to-Board Thermal Resistance
46.0
°C/W
ψJT
Junction-to-Top Characterization Parameter
10.1
°C/W
ψJB
Junction-to-Board Characterization Parameter
44.9
°C/W
RθJC(bot)
Junction-to-Case (Bottom) Thermal Resistance
50.0
°C/W
Notes:
5. RJA and RJC are measured at TA = +25°C on a high effective thermal conductivity four-layer test board per JEDEC 51-7.
6. Device mounted on the JEDEC High-K 2S2P board.
Recommended Operating Conditions (@TA = +25°C, unless otherwise specified.)
Symbol
Parameter
Min
Max
Unit
VIN, EN/UVLO,
OVLO, SRC to GND
Input Voltage at VIN, EN/UVLO, OVLO, SRC
-75
+75
V
VIN Capacitance
Input Capacitor at VIN (Note 7)
0.1
—
µF
VIN to VCAP Capacitance
Charge Pump Capacitor (Note 7)
0.1
—
µF
External MOSFET VGS Max
Gate to SRC (Note 7)
15
—
V
TJ
Operating Junction Temperature Range
-40
+150
°C
Note:
7. Refer to the typical application circuit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com