Electronic Components Datasheet Search
  English  ▼

X  

AP74502Q Datasheet(PDF) 7 Page - Diodes Incorporated

Part # AP74502Q
Description  LOW IQ REVERSE BATTERY POLARITY AND OVERVOLTAGE PROTECTION CONTROLLER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP74502Q Datasheet(HTML) 7 Page - Diodes Incorporated

Back Button AP74502Q Datasheet HTML 3Page - Diodes Incorporated AP74502Q Datasheet HTML 4Page - Diodes Incorporated AP74502Q Datasheet HTML 5Page - Diodes Incorporated AP74502Q Datasheet HTML 6Page - Diodes Incorporated AP74502Q Datasheet HTML 7Page - Diodes Incorporated AP74502Q Datasheet HTML 8Page - Diodes Incorporated AP74502Q Datasheet HTML 9Page - Diodes Incorporated AP74502Q Datasheet HTML 10Page - Diodes Incorporated AP74502Q Datasheet HTML 11Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
AP74502Q, AP74502HQ
Document number: DS47093 Rev. 1 - 2
7 of 22
www.diodes.com
April 2025
© 2025 Copyright Diodes Incorporated. All Rights Reserved.
AP74502Q, AP74502HQ
, AP
Typical Performance Characteristics (VIN = 12V, VEN = 3.3V, CVCAP = 0.1µF, TJ = +25°C, unless otherwise specified.)
(continued)
Enable to Gate Delay vs Temperature (AP74502HQ)
Charge Pump ON and OFF Threshold vs Temperature
Charge Pump UVLO Threshold vs Temperature
VIN POR Threshold vs Temperature
OVLO Comparator Threshold vs Temperature
OVLO to GATE Delay vs Temperature (AP74502HQ)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com