Electronic Components Datasheet Search
  English  ▼

X  

AP74502Q Datasheet(PDF) 17 Page - Diodes Incorporated

Part # AP74502Q
Description  LOW IQ REVERSE BATTERY POLARITY AND OVERVOLTAGE PROTECTION CONTROLLER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP74502Q Datasheet(HTML) 17 Page - Diodes Incorporated

Back Button AP74502Q Datasheet HTML 13Page - Diodes Incorporated AP74502Q Datasheet HTML 14Page - Diodes Incorporated AP74502Q Datasheet HTML 15Page - Diodes Incorporated AP74502Q Datasheet HTML 16Page - Diodes Incorporated AP74502Q Datasheet HTML 17Page - Diodes Incorporated AP74502Q Datasheet HTML 18Page - Diodes Incorporated AP74502Q Datasheet HTML 19Page - Diodes Incorporated AP74502Q Datasheet HTML 20Page - Diodes Incorporated AP74502Q Datasheet HTML 21Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 22 page
background image
AP74502Q, AP74502HQ
Document number: DS47093 Rev. 1 - 2
17 of 22
www.diodes.com
April 2025
© 2025 Copyright Diodes Incorporated. All Rights Reserved.
AP74502Q, AP74502HQ
, AP
Application Information (continued)
Fast Turn-On and Turn-Off High Side Switch Driver Using the AP74502HQ
In automotive load driving applications N-Channel MOSFET based high side switch is very commonly used to disconnect the loads from supply line
in case of faults such as overvoltage event. The AP74502Q, AP74502HQ can be used to drive external MOSFET to perform simple high side switch
with overvoltage protection. Below diagram shows a typical application circuit where the AP74502HQ is used to drive external MOSFET Q1 as a
switch for main power path control. A resistor divider from input to OVLO pin to ground can be used to set the overvoltage threshold.
If VOUT node (SRC pin) of the device is expected to drop in case of events such as overcurrent or short-circuit on load side, then additional Zener
diode is required across gate and source pin of external MOSFET to protect it from exceeding its maximum VGS rating.
AP74502HQ
GATE
SRC
OVLO
VCAP
GND
Load1
Q1
10uF
Battery /
Power
Source
VI N
R1
R2
EN/UVLO
ON
OFF
VOUT
VI N
ON
OFF
FAST ON/OFF
Transition
Load2
Load3
Many safety applications require fast switching off of the MOSFET in case of fault events such as overvoltage or overcurrent fault. Some of the load
driving path applications also require PWM operation of high side switch. The AP74502HQ OVLO pin can be used as control input to perform fast
turn-on and turn-off mode transition. With OVLO pin pulled above VOVR threshold of (1.25V typical), the AP74502HQ turns off the external MOSFET
(with CISS = 4.7nF) within 1μs typically. When OVLO pin is pulled low, the AP74502HQ with its peak gate drive strength of 11mA turns on external
MOSFET with turn-
on speed of 7μs typical.
Time [200µs/Div]
Fast Turn-On and Turn-Off High Side Switch Driver Using AP74502HQ
Power Supply Recommendations
The AP74502Q, AP74502HQ reverse polarity protection controller is designed for the supply voltage range
of 3.2V ≤ VS ≤ 80V. If the input supply
is located more than a few inches from the device, we recommend an input cerami
c bypass capacitor higher than 0.1μF. Based on system
requirements, a higher input bypass capacitor can be needed with the AP74502HQ to avoid supply glitch in case of high inrush current start-up
event. To prevent the AP74502Q, AP74502HQ and surrounding components from damage under the conditions of a direct output short circuit, use
a power supply having overload and short-circuit protection.
OV pin is pulled high and GATE to SRC
Is pulled low (within 1µs typical)
OV pin is pulled low and
GATE to SRC is pulled high
VOV
2V/div
VGATE
- VSRC
10V/div
1
0μF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com