Electronic Components Datasheet Search
  English  ▼

X  

AP74502Q Datasheet(PDF) 1 Page - Diodes Incorporated

Part # AP74502Q
Description  LOW IQ REVERSE BATTERY POLARITY AND OVERVOLTAGE PROTECTION CONTROLLER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP74502Q Datasheet(HTML) 1 Page - Diodes Incorporated

  AP74502Q Datasheet HTML 1Page - Diodes Incorporated AP74502Q Datasheet HTML 2Page - Diodes Incorporated AP74502Q Datasheet HTML 3Page - Diodes Incorporated AP74502Q Datasheet HTML 4Page - Diodes Incorporated AP74502Q Datasheet HTML 5Page - Diodes Incorporated AP74502Q Datasheet HTML 6Page - Diodes Incorporated AP74502Q Datasheet HTML 7Page - Diodes Incorporated AP74502Q Datasheet HTML 8Page - Diodes Incorporated AP74502Q Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
AP74502Q, AP74502HQ
Document number: DS47093 Rev. 1 - 2
1 of 22
www.diodes.com
April 2025
© 2025 Copyright Diodes Incorporated. All Rights Reserved.
AP74502Q, AP74502HQ
, AP
LOW IQ REVERSE BATTERY POLARITY AND OVERVOLTAGE PROTECTION CONTROLLER
Description
The AP74502Q, AP74502HQ is an automotive AEC-Q100 qualified
reverse battery polarity and overvoltage protection controller, which
operates with 2 of external N-channel MOSFETs.
The AP74502Q, AP74502HQ is for input protection of 12V/24V/48V
automotive systems. The input voltage support as low as 3.2V is
particularly for severe cold crank requirements in automotive
systems and up to 75V.
The AP74502Q, AP74502HQ controller provides a charge pump
gate drive for an external Back to Back N-channel MOSFETs with the
enable pin low, the controller is off and draws
approximately 1μA of
current.
The AP74502Q, AP74502HQ is available in SOT28 package.
Applications
•
Automotive body control units
•
Automotive infotainment systems
– head units, telematics
control units
•
Automotive ADAS systems
– cameras
•
Power of industrial automation such as PLC
•
Enterprise power supplies
Pin Assignments
(Top View)
EN/UVLO
OVLO
SRC
GATE
VIN
GND
NC
VCP
1
2
3
4
5
6
7
8
SOT28
Features
•
Input Voltage Ranges from 3.2V to 80V (3.9V Start-Up)
•
-80V Reverse Battery Voltage
•
Charge Pump for External N-ch Power MOSFETs
•
Drives External Back to Back N-ch MOSFETs
•
Gate Driver Strength Option
•
AP74502Q: 60
μA Peak Gate Source
•
AP74502HQ: 11mA Peak Gate Source
•
Low Shutdown Current of 0.9µA When Disabled
•
Low Quiescent Current of 62µA When Enabled
•
2.3A Peak Gate Turn-Off Current
•
ESD Protection: 2kV of HBM and 750V of CDM
•
AEC-Q100 Qualification Compliance with Device Temperature
Grade 1 (-40°C to +125°C Ambient Operating Temperature
Range)
•
8-Pin SOT28 Package
•
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
•
Halogen and Antimony Free. “Green” Device (Note 3)
•
The AP74502Q, AP74502HQ are suitable for automotive
applications requiring specific change control; these parts
are AEC-Q100 qualified, PPAP capable, and manufactured in
IATF16949 certified facilities.
https://www.diodes.com/quality/product-definitions/
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS), 2011/65/EU (RoHS 2) & 2015/863/EU (RoHS 3) compliant.
2. See https://www.diodes.com/quality/lead-
free/ for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green" and
Lead-free.
3. Halogen- and Antimony-
free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.


Similar Part No. - AP74502Q

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP74502Q DIODES-AP74502Q Datasheet
320Kb / 2P
80V Low IQ Ideal Diode Controller Provides Enhanced Protection Against Reverse Battery and Overvoltage in 48V Systems
July 2025
AP74502QTA8-7 DIODES-AP74502QTA8-7 Datasheet
320Kb / 2P
80V Low IQ Ideal Diode Controller Provides Enhanced Protection Against Reverse Battery and Overvoltage in 48V Systems
July 2025
AP74502Q DIODES-AP74502Q_V01 Datasheet
320Kb / 2P
80V Low IQ Ideal Diode Controller Provides Enhanced Protection Against Reverse Battery and Overvoltage in 48V Systems
July 2025
More results

Similar Description - AP74502Q

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4864L MAXIM-MAX4864L Datasheet
346Kb / 12P
Overvoltage Protection Controllers with Reverse Polarity Protection
Rev 1; 5/06
MAX4864L MAXIM-MAX4864L_10 Datasheet
197Kb / 11P
Overvoltage Protection Controllers with Reverse Polarity Protection
Rev 2; 5/10
logo
Linear Technology
LTC4365 LINER-LTC4365_15 Datasheet
501Kb / 20P
Overvoltage, Undervoltage and Reverse Supply Protection Controller
logo
Texas Instruments
LM74610-Q1 TI1-LM74610-Q1 Datasheet
1Mb / 30P
Zero IQ Reverse Polarity Protection Smart Diode Controller
LM74700-Q1 TI-LM74700-Q1_V01 Datasheet
3Mb / 36P
LM74700-Q1 Low IQ Reverse Battery Protection Ideal Diode Controller
LM74502 TI-LM74502 Datasheet
2Mb / 29P
LM74502 Low IQ High Side Switch Controller With Reverse Polarity and Overvoltage Protection
DECEMBER 2021
LM74502-Q1 TI-LM74502-Q1 Datasheet
1Mb / 29P
LM74502-Q1, LM74502H-Q1 Automotive Low IQ Reverse Polarity Protection Controller with Overvoltage Protection
FEBRUARY 2022
LM74502-Q1 TI-LM74502-Q1_V01 Datasheet
1Mb / 33P
LM74502-Q1, LM74502H-Q1 Automotive Low IQ Reverse Polarity Protection Controller with Overvoltage Protection
MAY 2022
LM74502 TI-LM74502_V01 Datasheet
1Mb / 30P
LM74502, LM74502H Low IQ High Side Switch Controller with Reverse Polarity and Overvoltage Protection
MAY 2022
LM74700D-Q1 TI-LM74700D-Q1 Datasheet
2Mb / 31P
LM74700D-Q1 Automotive Low IQ Reverse Battery Protection Ideal Diode Controller
SEPTEMBER 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com