Electronic Components Datasheet Search
  English  ▼

X  

TPSM843521 Datasheet(PDF) 2 Page - Texas Instruments

Part # TPSM843521
Description  TPSM843521 3.8V to 18V, 5A, Synchronous Buck Power Module With User Selectable Mode
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPSM843521 Datasheet(HTML) 2 Page - Texas Instruments

  TPSM843521 Datasheet HTML 1Page - Texas Instruments TPSM843521 Datasheet HTML 2Page - Texas Instruments TPSM843521 Datasheet HTML 3Page - Texas Instruments TPSM843521 Datasheet HTML 4Page - Texas Instruments TPSM843521 Datasheet HTML 5Page - Texas Instruments TPSM843521 Datasheet HTML 6Page - Texas Instruments TPSM843521 Datasheet HTML 7Page - Texas Instruments TPSM843521 Datasheet HTML 8Page - Texas Instruments TPSM843521 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 41 page
background image
TPSM843521 allows high design flexibility with wide supported switching frequency of 200kHz – 2.2MHz set
by the RT/SYNC pin. The device has the option for pulse frequency modulation (PFM), forced continuous
conduction modulation (FCCM) at light load condition, and adjustable soft-start (SS) time / power-good (PG)
indicator with different configuration of the MODE pin.
TPSM843521 provides protection functions including thermal shutdown, input undervoltage lockout, cycle-by-
cycle current limit, and hiccup short-circuit protection. TPSM843521 is available in a 9-pin, 3.3mm × 4.5mm,
QFN package, and the pinout is available for single-layer PCB layout. The junction temperature is specified from
–40°C to 125°C.
TPSM843521
SLUSG64 – APRIL 2025
www.ti.com
2
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: TPSM843521



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com