Electronic Components Datasheet Search
  English  ▼

X  

TPSM843521 Datasheet(PDF) 13 Page - Texas Instruments

Part # TPSM843521
Description  TPSM843521 3.8V to 18V, 5A, Synchronous Buck Power Module With User Selectable Mode
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPSM843521 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TPSM843521 Datasheet HTML 9Page - Texas Instruments TPSM843521 Datasheet HTML 10Page - Texas Instruments TPSM843521 Datasheet HTML 11Page - Texas Instruments TPSM843521 Datasheet HTML 12Page - Texas Instruments TPSM843521 Datasheet HTML 13Page - Texas Instruments TPSM843521 Datasheet HTML 14Page - Texas Instruments TPSM843521 Datasheet HTML 15Page - Texas Instruments TPSM843521 Datasheet HTML 16Page - Texas Instruments TPSM843521 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 41 page
background image
Table 6-1. MODE Pin Configuration Table
RECOMMENDED MODE
RESISTOR, kΩ
OPERATION IN LIGHT LOAD
FUNCTION OF SS/PG PIN
FREQUENCY SPREAD
SPECTRUM, Fss
< 4kΩ, short
PFM
SS
Yes
18kΩ
PFM
PG
Yes
180kΩ
FCCM
SS
Yes
330kΩ
FCCM
PG
Yes
680kΩ
FCCM
SS
No
> 1.3MΩ, floating
FCCM
PG
No
6.3.3 Voltage Reference
The internal reference voltage, VREF, is designed at 0.6V (typical). The negative feedback system of converter
produces a precise ±1% feedback voltage, VFB, over full temperature by scaling the output of a temperature-
stable internal band-gap circuit.
6.3.4 Output Voltage Setting
A precision 0.6V reference voltage, VREF, is used to maintain a tightly regulated output voltage over the entire
operating temperature range. The output voltage is set by a resistor divider from the output voltage to the FB
pin. TI recommends using 1% tolerance resistors with a low temperature coefficient for the FB divider. Select the
bottom-side resistor, RFBB, for the desired divider current and use Equation 1 to calculate the top-side resistor,
RFBT. Lower RFBB increases the divider current and reduces efficiency at very light load. Larger RFBB makes the
FB voltage more susceptible to noise, so larger RFBB values require a more carefully designed feedback path on
the PCB. TI recommends setting RFBB = 10kΩ and RFBT in the range of 10kΩ to 300kΩ for most applications.
The tolerance and temperature variation of the resistor dividers affect the output voltage regulation.
V
OUT
FB
R
FBT
R
FBB
Figure 6-2. Output Voltage Setting
RFBT=VOUT−VREF
VREF ×RFBB
(1)
where
• VREF is the 0.6V (the internal reference voltage).
• RFBB is 10kΩ (recommended).
6.3.5 Switching Frequency Selection, Synchronization
TPSM843521 can work under RT mode and SYNC mode by different configuration of the RT/SYNC pin. In RT
mode, the switching frequency of TPSM843521 can be set with RT selection programming. Table 6-2 shows
the RT selection programming. When RT is floating or connected to GND, the condition of this input is detected
when the device is first enabled. After the converter is running, the switching frequency selection is fixed and
cannot be changed until the next power-on cycle or EN toggle. When RT is connected with resistor, the switching
frequency can be set between 200kHz and 2200kHz using the following equation.
www.ti.com
TPSM843521
SLUSG64 – APRIL 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: TPSM843521



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com