Electronic Components Datasheet Search
  English  ▼

X  

TPSM843521 Datasheet(PDF) 24 Page - Texas Instruments

Part # TPSM843521
Description  TPSM843521 3.8V to 18V, 5A, Synchronous Buck Power Module With User Selectable Mode
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPSM843521 Datasheet(HTML) 24 Page - Texas Instruments

Back Button TPSM843521 Datasheet HTML 20Page - Texas Instruments TPSM843521 Datasheet HTML 21Page - Texas Instruments TPSM843521 Datasheet HTML 22Page - Texas Instruments TPSM843521 Datasheet HTML 23Page - Texas Instruments TPSM843521 Datasheet HTML 24Page - Texas Instruments TPSM843521 Datasheet HTML 25Page - Texas Instruments TPSM843521 Datasheet HTML 26Page - Texas Instruments TPSM843521 Datasheet HTML 27Page - Texas Instruments TPSM843521 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 41 page
background image
7.2.1 Design Requirements
The following table shows the design parameters for this application.
Table 7-1. Design Parameters
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
VIN
Input voltage
5.5
12
18
V
VOUT
Output voltage
5
V
IOUT
Output current rating
2
A
VIN(ripple)
Input ripple voltage
400
mV
VOUT(ripple)
Output ripple voltage
30
mV
FSW
Switching frequency
RT = floating
1000
kHz
tSS
Soft-start time
CSS = 33nF
3.6
mS
TA
Ambient temperature
25
°C
7.2.2 Detailed Design Procedure
7.2.2.1 Custom Design With WEBENCH® Tools
Create a custom design with the TPSM843521 using the WEBENCH® Power Designer.
1. Start by entering the input voltage (VIN), output voltage (VOUT), and output current (IOUT) requirements.
2. Optimize the design for key parameters such as efficiency, footprint, and cost using the optimizer dial.
3. Compare the generated design with other possible solutions from Texas Instruments.
The WEBENCH Power Designer provides a customized schematic along with a list of materials with real-time
pricing and component availability.
In most cases, these actions are available:
• Run electrical simulations to see important waveforms and circuit performance
• Run thermal simulations to understand board thermal performance
• Export customized schematic and layout into popular CAD formats
• Print PDF reports for the design, and share the design with colleagues
Get more information about WEBENCH tools at www.ti.com/WEBENCH.
7.2.2.2 Output Voltage Resistors Selection
The output voltage is set with a resistor divider from the output node to the FB pin. TI recommends using 1%
tolerance or better divider resistors. Referring to the application schematic of Figure 7-1, start with 30kΩ for R5
and use Equation 15 to calculate R4 = 220kΩ. To improve efficiency at light loads, consider using larger value
resistors. If the values are too high, the converter is more susceptible to noise and voltage errors from the FB
input leakage current are noticeable.
R4=VOUT−VREF
VREF ×R5
(15)
7.2.2.3 Choosing Switching Frequency
The choice of switching frequency is a compromise between conversion efficiency and overall design size.
Higher switching frequency allows the use of smaller inductors and output capacitors, and hence, a more
compact design. However, lower switching frequency implies reduced switching losses and usually results in
higher system efficiency, so the 1000kHz switching frequency was chosen for this example, use 0Ω for R6.
Please note the switching frequency is also limited by the following as mentioned in Section 6.3.10:
• Minimum on time of the integrated power switch
• Input voltage
• Output voltage
• Frequency shift limitation
TPSM843521
SLUSG64 – APRIL 2025
www.ti.com
24
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: TPSM843521



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com