Electronic Components Datasheet Search
  English  ▼

X  

TPSM843521 Datasheet(PDF) 39 Page - Texas Instruments

Part # TPSM843521
Description  TPSM843521 3.8V to 18V, 5A, Synchronous Buck Power Module With User Selectable Mode
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPSM843521 Datasheet(HTML) 39 Page - Texas Instruments

Back Button TPSM843521 Datasheet HTML 33Page - Texas Instruments TPSM843521 Datasheet HTML 34Page - Texas Instruments TPSM843521 Datasheet HTML 35Page - Texas Instruments TPSM843521 Datasheet HTML 36Page - Texas Instruments TPSM843521 Datasheet HTML 37Page - Texas Instruments TPSM843521 Datasheet HTML 38Page - Texas Instruments TPSM843521 Datasheet HTML 39Page - Texas Instruments TPSM843521 Datasheet HTML 40Page - Texas Instruments TPSM843521 Datasheet HTML 41Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 39 / 41 page
background image
www.ti.com
EXAMPLE BOARD LAYOUT
.000 PKG
0
0.05 MAX
ALL AROUND
0.05 MIN
ALL AROUND
(
)
0.463
(
)
0.975
(
)
1.475
2X (
)
0.665
2X (
)
1.165
2X (
)
1.665
2X (
)
2.05
2X (
)
0.125
(
)
1.65
(
)
0.975
(
)
1.475
4X (0.25)
(0.275)
8X (0.25)
(0.4) TYP
4X (
)
0.325
4X (
)
1.113
4X (
)
1.9
2X (0.8)
(R0.05) TYP
(R0.05) TYP
(
0.2) TYP
VIA
3X (
)
2.45
(0.3)
2X (0.35)
(0.55)
QFN-FCMOD - 2.05 mm max height
RCJ0009A
PLASTIC QUAD FLATPACK - NO LEAD
4229161/B 04/2023
NOTES: (continued)
4. This package is designed to be soldered to a thermal pad on the board. For more information, see Texas Instruments literature
number SLUA271 (www.ti.com/lit/slua271).
5. Vias are optional depending on application, refer to device data sheet. If any vias are implemented, refer to their locations shown
on this view. It is recommended that vias under paste be filled, plugged or tented.
LAND PATTERN EXAMPLE
SCALE: 20X
(45 X 0.19)
1
4
5
6
7
9
METAL UNDER
SOLDER MASK
TYP
SOLDER MASK
OPENING
TYP
METAL EDGE
SOLDER MASK
OPENING
EXPOSED
METAL
NON SOLDER MASK
DEFINED
PADS:1-3 & 7-9
SOLDER MASK DETAILS
METAL UNDER
SOLDER MASK
SOLDER MASK
OPENING
EXPOSED
METAL
SOLDER MASK
DEFINED
PADS: 4-6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com