Electronic Components Datasheet Search
  English  ▼

X  

TPSM843521 Datasheet(PDF) 21 Page - Texas Instruments

Part # TPSM843521
Description  TPSM843521 3.8V to 18V, 5A, Synchronous Buck Power Module With User Selectable Mode
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPSM843521 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TPSM843521 Datasheet HTML 17Page - Texas Instruments TPSM843521 Datasheet HTML 18Page - Texas Instruments TPSM843521 Datasheet HTML 19Page - Texas Instruments TPSM843521 Datasheet HTML 20Page - Texas Instruments TPSM843521 Datasheet HTML 21Page - Texas Instruments TPSM843521 Datasheet HTML 22Page - Texas Instruments TPSM843521 Datasheet HTML 23Page - Texas Instruments TPSM843521 Datasheet HTML 24Page - Texas Instruments TPSM843521 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 41 page
background image
6.4.2 Heavy Load Operation
The TPSM843521 operates in continuous conduction mode (CCM) when the load current is higher than half of
the peak-to-peak inductor current. In CCM operation, the output voltage is regulated by switching at a constant
frequency and modulating the duty cycle to control the power to the load. Regulating the output voltage provides
excellent line and load regulation and minimum output voltage ripple, and the maximum continuous output
current of 3A can be supplied by the TPSM843521.
6.4.3 Pulse Frequency Modulation
The TPSM843521 is designed to operate in pulse frequency modulation (PFM) mode at light load currents to
boost light load efficiency when MODE pin is configured to PFM mode.
When the load current is lower than half of the peak-to-peak inductor current in CCM, the devices operate in
discontinuous conduction mode (DCM). In DCM operation, the low-side switch is turned off when the inductor
current drops to ILS_ZC to improve efficiency. Both switching losses and conduction losses are reduced in DCM,
compared to forced CCM operation at light load.
At even lighter current load, pulse frequency modulation (PFM) mode is activated to maintain high-efficiency
operation. When either the minimum high-side switch on time, tON_MIN, or the minimum peak inductor current
IPEAK_MIN is reached, the switching frequency decreases to maintain regulation. In PFM mode, the switching
frequency is decreased by the control loop to maintain output voltage regulation when load current reduces.
Switching loss is further reduced in PFM operation due to less frequent switching actions. Because the
integrated current comparator catches the peak inductor current only, the average load current entering PFM
mode varies with the applications and external output LC filters.
In PFM mode, the high-side MOSFET is turned on in a burst of one or more pulses to provide energy to the
load. The duration of the burst depends on how long the feedback voltage takes to catch VREF. The periodicity
of these bursts is adjusted to regulate the output, while zero current crossing detection turns off the low-side
MOSFET to maximize efficiency. This mode provides high light-load efficiency by reducing the amount of input
supply current required to regulate the output voltage at small loads.
6.4.4 Forced Continuous Conduction Modulation
When the TPSM843521 is configured to operate in FCCM under light load conditions, the switching frequency is
maintained at a constant level over the entire load range, which is an excellent choice for applications requiring
tight control of the switching frequency and output voltage ripple at the cost of lower efficiency under light load.
For some audio application, this mode can help avoid switching frequency drop into audible range that can
introduce some noise.
6.4.5 Dropout Operation
The dropout performance of any buck converter is affected by the RDSON of the power MOSFETs, the DC
resistance of the inductor, and the maximum duty cycle that the controller can achieve. As the input voltage level
approaches the output voltage, the off time of the high-side MOSFET starts to approach the minimum value.
Beyond this point, the switching frequency becomes erratic and the output voltage can fall out of regulation. To
avoid this problem, the TPSM843521 automatically reduces the switching frequency (on-time extension function)
to increase the effective duty cycle and maintain in regulation until the switching frequency reach to the lowest
limit.
6.4.6 Minimum On-Time Operation
Every switching converter has a minimum controllable on time dictated by the inherent delays and blanking
times associated with the control circuits, which imposes a minimum switch duty cycle and, therefore, a minimum
conversion ratio. The constraint is encountered at high input voltages and low output voltages. To help extend
the minimum controllable duty cycle, the TPSM843521 automatically reduces the switching frequency when the
minimum on-time limit is reached. This way, the converter can regulate the lowest programmable output voltage
at the maximum input voltage. Use Equation 14 to find an estimate for the approximate input voltage for a given
output voltage before frequency foldback occurs. The values of tON_MIN and fSW can be found in Section 5.5.
www.ti.com
TPSM843521
SLUSG64 – APRIL 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: TPSM843521



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com