Electronic Components Datasheet Search
  English  ▼

X  

TPSM843521 Datasheet(PDF) 4 Page - Texas Instruments

Part # TPSM843521
Description  TPSM843521 3.8V to 18V, 5A, Synchronous Buck Power Module With User Selectable Mode
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPSM843521 Datasheet(HTML) 4 Page - Texas Instruments

  TPSM843521 Datasheet HTML 1Page - Texas Instruments TPSM843521 Datasheet HTML 2Page - Texas Instruments TPSM843521 Datasheet HTML 3Page - Texas Instruments TPSM843521 Datasheet HTML 4Page - Texas Instruments TPSM843521 Datasheet HTML 5Page - Texas Instruments TPSM843521 Datasheet HTML 6Page - Texas Instruments TPSM843521 Datasheet HTML 7Page - Texas Instruments TPSM843521 Datasheet HTML 8Page - Texas Instruments TPSM843521 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 41 page
background image
4 Pin Configuration and Functions
1
2
3
5
6
7
8
9
EN
FB
GND
4
4
5
5
VOUT
VOUT
VOUT
SW
SW
SW
VIN
6
VIN
MODE
SS/PG
RT
4
Figure 4-1. 9-Pin RCJ QFN-FCMOD, 3.3mm × 4.5mm Package (Top View)
Table 4-1. Pin Functions
PIN
TYPE(1)
DESCRIPTION
NAME
NO.
EN
1
A
Enable input to the converter. Driving EN high or leaving this pin floating enables the
converter. An external resistor divider can be used to implement an adjustable VIN UVLO
function.
FB
2
A
Output feedback input. Connect FB to the tap of an external resistor divider from the output
to GND to set output voltage.
GND
3
G
Ground pin. Connected to the source of the low-side FET as well as the ground pin for the
controller circuit. Connect to system ground and the ground side of CIN and COUT. The path
to CIN must be as short as possible.
VOUT
4
P
Output voltage. This pin is connected to the internal buck inductor. Connect the pin to the
output load and connect external output capacitors between this pin and GND.
SW
5
P
Switching node. Do not place any external component on this pin or connect to any signal.
The amount of copper placed on this pin must be kept to a minimum to prevent issues with
noise and EMI.
VIN
6
P
Supply input pin to internal LDO and high-side FET. Input bypass capacitors must be directly
connected to this pin and GND.
MODE
7
A
Mode selection pin in light load condition and Power-Good / Soft-Start function. See Mode
Selection for details.
SS/PG
8
A
This pin can be a soft-start function or Power-Good function depending on the mode pin
configuration. If the soft-start function is selected, an external capacitor connected from
this pin to GND defines the rise time for the internal reference voltage. If the Power-Good
function is selected, this pin is an open drain power-good indicator, which is asserted low
if output voltage is out of PG threshold, overvoltage, or if the device is under thermal
shutdown, EN shutdown, or during soft start.
RT/SYNC
9
A
Frequency select and external clock synchronization. A resistor to ground sets the switching
frequency of the device. An external clock can also be applied to this pin to synchronize the
switching frequency. See Switching Frequency Selection, Synchronization for details.
(1)
A = Analog, P = Power, G = Ground
TPSM843521
SLUSG64 – APRIL 2025
www.ti.com
4
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: TPSM843521



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com