Electronic Components Datasheet Search
  English  ▼

X  

ADC31RF80 Datasheet(PDF) 20 Page - Texas Instruments

Part # ADC31RF80
Description  ADC31RF80 3-GSPS Telecom Receiver and Feedback Device
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADC31RF80 Datasheet(HTML) 20 Page - Texas Instruments

Back Button ADC31RF80 Datasheet HTML 16Page - Texas Instruments ADC31RF80 Datasheet HTML 17Page - Texas Instruments ADC31RF80 Datasheet HTML 18Page - Texas Instruments ADC31RF80 Datasheet HTML 19Page - Texas Instruments ADC31RF80 Datasheet HTML 20Page - Texas Instruments ADC31RF80 Datasheet HTML 21Page - Texas Instruments ADC31RF80 Datasheet HTML 22Page - Texas Instruments ADC31RF80 Datasheet HTML 23Page - Texas Instruments ADC31RF80 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 142 page
background image
Temperature (°C)
-40
-15
10
35
60
85
52
53
54
55
56
57
D047
DVDD = 1.1 V
DVDD = 1.15 V
DVDD = 1.2 V
Temperature (°C)
-40
-15
10
35
60
85
62
66
70
74
78
82
D048
DVDD = 1.1 V
DVDD = 1.15 V
DVDD = 1.2 V
Temperature (°C)
-40
-15
10
35
60
85
66
68
70
72
74
76
D046
DVDD = 1.1 V
DVDD = 1.15 V
DVDD = 1.2 V
Temperature (°C)
-40
-15
10
35
60
85
56
57
58
59
60
61
D045
DVDD = 1.1 V
DVDD = 1.15 V
DVDD = 1.2 V
Temperature (°C)
-40
-15
10
35
60
85
52
53
54
55
56
57
D043
AVDD = 1.1 V
AVDD = 1.15 V
AVDD = 1.2 V
AVDD = 1.25 V
Temperature (°C)
-40
-15
10
35
60
85
62
66
70
74
78
82
D044
AVDD = 1.1 V
AVDD = 1.15 V
AVDD = 1.2 V
AVDD = 1 .25 V
20
ADC31RF80
SBAS860 – AUGUST 2017
www.ti.com
Product Folder Links: ADC31RF80
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Typical Characteristics (continued)
typical values are specified at an ambient temperature of 25°C; minimum and maximum values are specified over an ambient
temperature range of –40°C to +85°C; and ADC sampling rate = 2949.12 MSPS, DDC bypassed performance, 50% clock
duty cycle, AVDD19 = 1.9 V, AVDD = DVDD = 1.15 V, –2-dBFS differential input, and 0-dB digital gain (unless otherwise
noted)
fIN = 3.5 GHz, AIN = –3 dBFS with 2-dB digital gain
Figure 45. Signal-to-Noise Ratio vs
AVDD Supply and Temperature
fIN = 3.5GHz, AIN = –3 dBFS with 2-dB digital gain
Figure 46. Spurious-Free Dynamic Range vs
AVDD Supply and Temperature
fIN = 1.85 GHz, AIN = –2 dBFS
Figure 47. Signal-to-Noise Ratio vs
DVDD Supply and Temperature
fIN = 1.85 GHz, AIN = –2 dBFS
Figure 48. Spurious-Free Dynamic Range vs
DVDD Supply and Temperature
fIN = 3.5 GHz, AIN = –3 dBFS with 2-dB digital gain
Figure 49. Signal-to-Noise Ratio vs
DVDD Supply and Temperature
fIN = 3.5 GHz, AIN = –3 dBFS with 2-dB digital gain
Figure 50. Spurious-Free Dynamic Range vs
DVDD Supply and Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com