Electronic Components Datasheet Search
  English  ▼

X  

ADC31RF80 Datasheet(PDF) 36 Page - Texas Instruments

Part # ADC31RF80
Description  ADC31RF80 3-GSPS Telecom Receiver and Feedback Device
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADC31RF80 Datasheet(HTML) 36 Page - Texas Instruments

Back Button ADC31RF80 Datasheet HTML 32Page - Texas Instruments ADC31RF80 Datasheet HTML 33Page - Texas Instruments ADC31RF80 Datasheet HTML 34Page - Texas Instruments ADC31RF80 Datasheet HTML 35Page - Texas Instruments ADC31RF80 Datasheet HTML 36Page - Texas Instruments ADC31RF80 Datasheet HTML 37Page - Texas Instruments ADC31RF80 Datasheet HTML 38Page - Texas Instruments ADC31RF80 Datasheet HTML 39Page - Texas Instruments ADC31RF80 Datasheet HTML 40Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 142 page
background image
IQ 3 GSPS
N/2
ADC
NCO 2,
16 Bits
3 GSPS
IQ data, 3 GSPS
RX1 IQ Output
GPIO
SYSREF
RX2 IQ Output
NCO 1,
16 Bits
NCO 3,
16 Bits
NCO 4,
16 Bits
RX1 Real Output
Wideband IQ Output
2,3
Wideband Real Output
RX2 Real Output
JESD204B
fOUT / 4
2
fOUT / 4
fOUT / 4
LPF
LPF
2
LPF
LPF
N/2
2
LPF
LPF
IQ data
Real[ ]
Real[ ]
Real[ ]
IQ data
IQ data
36
ADC31RF80
SBAS860 – AUGUST 2017
www.ti.com
Product Folder Links: ADC31RF80
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Example: fS = 2949.12 MSPS, Divide-by-4 (LMFS = 8411), K = 16
SYSREF = 2949.12 MSPS / LCM (4 ,64, 16) = 46.08 MHz / N
Operate SYSREF at 2.88 MHz (effectively divide-by-1024, N = 16)
For proper device operation, disable the SYSREF signal after the JESD synchronization is established.
8.3.4 DDC Block
The ADC31RF80 provides a sophisticated on-chip, digital down converter (DDC) block that can be controlled
through SPI register settings and the general-purpose input/output (GPIO) pins. The DDC block supports two
basic operating modes: receiver (RX) mode with single- or dual-band DDC and wide-bandwidth observation
receiver mode.
Figure 93 shows that the ADC channel is followed by two DDC chains consisting of the digital filter along with a
complex digital mixer with a 16-bit numerically-controlled oscillator (NCO). The NCOs allow accurate frequency
tuning within the Nyquist zone prior to the digital filtering. One DDC chain is intended for supporting a dual-band
DDC configuration in receiver mode and the second DDC chain supports the wide-bandwidth output option for
the observation configuration. At any given time, either the single-band DDC, the dual-band DDC, or the
wideband DDC can be enabled. Furthermore, three different NCO frequencies can be selected on that path and
are quickly switched using the SPI or the GPIO pins to enable wide-bandwidth observation in a multi-band
application.
NOTE: Red traces show SYSREF going to the NCO blocks.
Figure 93. DDC Chains Overview
Additionally, the decimation filter block provides the option to convert the complex output back to real format at
twice the decimated, complex output rate. The filter response with a real output is identical to a complex output.
The band is centered in the middle of the Nyquist zone (mixed with fOUT / 4) based on a final output data rate of
fOUT.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com