Electronic Components Datasheet Search
  English  ▼

X  

ADC31RF80 Datasheet(PDF) 56 Page - Texas Instruments

Part # ADC31RF80
Description  ADC31RF80 3-GSPS Telecom Receiver and Feedback Device
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADC31RF80 Datasheet(HTML) 56 Page - Texas Instruments

Back Button ADC31RF80 Datasheet HTML 52Page - Texas Instruments ADC31RF80 Datasheet HTML 53Page - Texas Instruments ADC31RF80 Datasheet HTML 54Page - Texas Instruments ADC31RF80 Datasheet HTML 55Page - Texas Instruments ADC31RF80 Datasheet HTML 56Page - Texas Instruments ADC31RF80 Datasheet HTML 57Page - Texas Instruments ADC31RF80 Datasheet HTML 58Page - Texas Instruments ADC31RF80 Datasheet HTML 59Page - Texas Instruments ADC31RF80 Datasheet HTML 60Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 142 page
background image
SYNCb
SYSREF
LMFC Clock
LMFC Boundary
xxx
Transmit Data
K28.5
K28.5
ILA
ILA
DATA
DATA
Multi
Frame
Code Group
Synchronization
Initial Lane Alignment
Data Transmission
56
ADC31RF80
SBAS860 – AUGUST 2017
www.ti.com
Product Folder Links: ADC31RF80
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Device Functional Modes (continued)
8.4.2.1 JESD204B Initial Lane Alignment (ILA)
The receiving device starts the initial lane alignment process by deasserting the SYNCB signal. The SYNCB
signal can be issued using the SYNCB input pins or by setting the proper SPI bits. When a logic low is detected
on the SYNCB input, as shown in Figure 133, the ADC31RF80 starts transmitting comma (K28.5) characters to
establish the code group synchronization.
When synchronization completes, the receiving device reasserts the SYNCB signal and the ADC31RF80 starts
the initial lane alignment sequence with the next local multiframe clock boundary. The ADC31RF80 transmits
four multiframes, each containing K frames (K is SPI programmable). Each of the multiframes contains the frame
start and end symbols. The second multiframe also contains the JESD204 link configuration data.
Figure 133. JESD Internal Timing Information
8.4.2.2 JESD204B Frame Assembly
The JESD204B standard defines the following parameters:
•
F is the number of octets per frame clock period
•
L is the number of lanes per link
•
M is the number of converters for the device
•
S is the number of samples per frame



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com