Electronic Components Datasheet Search
  English  ▼

X  

ADC31RF80 Datasheet(PDF) 7 Page - Texas Instruments

Part # ADC31RF80
Description  ADC31RF80 3-GSPS Telecom Receiver and Feedback Device
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADC31RF80 Datasheet(HTML) 7 Page - Texas Instruments

Back Button ADC31RF80 Datasheet HTML 3Page - Texas Instruments ADC31RF80 Datasheet HTML 4Page - Texas Instruments ADC31RF80 Datasheet HTML 5Page - Texas Instruments ADC31RF80 Datasheet HTML 6Page - Texas Instruments ADC31RF80 Datasheet HTML 7Page - Texas Instruments ADC31RF80 Datasheet HTML 8Page - Texas Instruments ADC31RF80 Datasheet HTML 9Page - Texas Instruments ADC31RF80 Datasheet HTML 10Page - Texas Instruments ADC31RF80 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 142 page
background image
7
ADC31RF80
www.ti.com
SBAS860 – AUGUST 2017
Product Folder Links: ADC31RF80
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
(1)
Performance is shown with DDC bypassed. When DDC is enabled, performance improves by the decimation filtering process.
(2)
Minimum values are specified at AOUT = –3 dBFS.
(3)
Output amplitude, AOUT, refers to the signal amplitude in the ADC digital output that is same as the analog input amplitude, AIN, except
when the digital gain feature is used. If digital gain is G, then AOUT = G + AIN.
(4)
The ADC internal resistance = 65 Ω, the driving source resistance = 50 Ω.
(5)
The minimum value of HD2 is specified by bench characterization.
6.6 AC Performance Characteristics: fS = 2949.12 MSPS
typical values specified at an ambient temperature of 25°C; minimum and maximum values are specified over an ambient
temperature range of –40°C to +85°C; and chip sampling rate = 2949.12 MSPS, 50% clock duty cycle, DDC-bypassed
performance
(1), AVDD19 = 1.9 V, AVDD = 1.15 V, DVDD = 1.15 V, –2-dBFS differential input, and 0-dB digital gain (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
MIN(2)
NOM
MAX
UNIT
SNR
Signal-to-noise ratio
fIN = 100 MHz, AOUT = –2 dBFS
63.2
dBFS
fIN = 900 MHz, AOUT = –2 dBFS
61.4
fIN = 1850 MHz, AOUT = –2 dBFS
56
58.5
fIN = 2100 MHz, AOUT = –2 dBFS
57.7
fIN = 2600 MHz, AOUT = –2 dBFS
56.6
fIN = 3500 MHz, AOUT
(3) = –3 dBFS with 2-dB gain
54.6
NSD
Noise spectral density
averaged across the
Nyquist zone
fIN = 100 MHz, AOUT = –2 dBFS
154.9
dBFS/Hz
fIN = 900 MHz, AOUT = –2 dBFS
153.1
fIN = 1850 MHz, AOUT = –2 dBFS
147.7
150.2
fIN = 2100 MHz, AOUT = –2 dBFS
149.4
fIN = 2600 MHz, AOUT = –2 dBFS
148.3
fIN = 3500 MHz, AOUT
(3) = –3 dBFS with 2-dB gain
146.3
Small-signal SNR
fIN = 1850 MHz, AOUT = –40 dBFS
63.1
dBFS
NF(4)
Noise figure
fIN = 1850 MHz, AOUT = –40 dBFS
24.7
dB
SINAD
Signal-to-noise and
distortion ratio
fIN = 100 MHz, AOUT = –2 dBFS
62.1
dBFS
fIN = 900 MHz, AOUT = –2 dBFS
61.0
fIN = 1850 MHz, AOUT = –2 dBFS
57.8
fIN = 2100 MHz, AOUT = –2 dBFS
56.9
fIN = 2600 MHz, AOUT = –2 dBFS
55.7
fIN = 3500 MHz, AOUT
(3) = –3 dBFS with 2-dB gain
54.5
ENOB
Effective number of bits
fIN = 100 MHz, AOUT = –2 dBFS
10.0
Bits
fIN = 900 MHz, AOUT = –2 dBFS
9.8
fIN = 1850 MHz, AOUT = –2 dBFS
9.3
fIN = 2100 MHz, AOUT = –2 dBFS
9.2
fIN = 2600 MHz, AOUT = –2 dBFS
9.0
fIN = 3500 MHz, AOUT
(3) = –3 dBFS with 2-dB gain
8.8
SFDR
Spurious-free dynamic
range
fIN = 100 MHz, AOUT = –2 dBFS
68.0
dBc
fIN = 900 MHz, AOUT = –2 dBFS
71
fIN = 1850 MHz, AOUT = –2 dBFS
58
65
fIN = 2100 MHz, AOUT = –2 dBFS
65
fIN = 2600 MHz, AOUT = –2 dBFS
63
fIN = 3500 MHz, AOUT
(3) = –3 dBFS with 2-dB gain
68
HD2(5)
Second-order harmonic
distortion
fIN = 100 MHz, AOUT = –2 dBFS
68
dBc
fIN = 900 MHz, AOUT = –2 dBFS
71
fIN = 1850 MHz, AOUT = –2 dBFS
58
65
fIN = 2100 MHz, AOUT = –2 dBFS
65
fIN = 2700 MHz, AOUT = –2 dBFS
63
fIN = 3500 MHz, AOUT
(3) = –3 dBFS with 2-dB gain
68



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com