Electronic Components Datasheet Search
  English  ▼

X  

ADC31RF80 Datasheet(PDF) 46 Page - Texas Instruments

Part # ADC31RF80
Description  ADC31RF80 3-GSPS Telecom Receiver and Feedback Device
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADC31RF80 Datasheet(HTML) 46 Page - Texas Instruments

Back Button ADC31RF80 Datasheet HTML 42Page - Texas Instruments ADC31RF80 Datasheet HTML 43Page - Texas Instruments ADC31RF80 Datasheet HTML 44Page - Texas Instruments ADC31RF80 Datasheet HTML 45Page - Texas Instruments ADC31RF80 Datasheet HTML 46Page - Texas Instruments ADC31RF80 Datasheet HTML 47Page - Texas Instruments ADC31RF80 Datasheet HTML 48Page - Texas Instruments ADC31RF80 Datasheet HTML 49Page - Texas Instruments ADC31RF80 Datasheet HTML 50Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 142 page
background image
GPIO4
GPIO1
GPIO3
GPIO2
INSEL1[1:0]
INSEL0[1:0]
NCO1
NCO2
NCO3
N/A
0
1
2
3
GPIO4
GPIO1
GPIO3
GPIO2
0
1
2
3
0
1
2
3
NCO for DDC0
NCO SEL[1:0]
NCO SEL PIN
0
1
46
ADC31RF80
SBAS860 – AUGUST 2017
www.ti.com
Product Folder Links: ADC31RF80
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
The NCOs can be switched by using the GPIO pins with the register configurations shown in Table 5 or through
an SPI control. The assignment of which GPIO pin to use for INSEL0 and INSEL1 is done based on Table 6,
using register 5438h. The NCO selection, shown in Table 7 and Figure 120, is done based on the logic selection
on the GPIO pins.
Table 5. NCO Register Configurations
REGISTER
ADDRESS
DESCRIPTION
NCO CONTROL THROUGH GPIO PINS
NCO SEL PIN
500Fh
Selects the NCO control through the SPI (default) or a GPIO pin.
INSEL0[1:0], INSEL1[1:0]
5438h
Selects which two GPIO pins are used to control the NCO.
NCO CONTROL THROUGH SPI CONTROL
NCO SEL PIN
500Fh
Selects the NCO control through the SPI (default) or a GPIO pin.
NCO SEL[1:0]
5010h
Selects which NCO to use for DDC0.
Table 6. GPIO Pin Assignment
INSELx[1:0] (Where x = 0 or 1)
GPIO PIN SELECTED
00
GPIO4
01
GPIO1
10
GPIO3
11
GPIO2
Table 7. NCO Selection
NCO SEL[1:0]
NCO SELECTED
00
NCO1
01
NCO2
10
NCO3
11
n/a
Figure 120. NCO Switching from GPIO and SPI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com