Electronic Components Datasheet Search
  English  ▼

X  

TDA7492P Datasheet(PDF) 9 Page - STMicroelectronics

Part # TDA7492P
Description  25 W 25 W dual BTL class-D audio amplifier
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7492P Datasheet(HTML) 9 Page - STMicroelectronics

Back Button TDA7492P Datasheet HTML 5Page - STMicroelectronics TDA7492P Datasheet HTML 6Page - STMicroelectronics TDA7492P Datasheet HTML 7Page - STMicroelectronics TDA7492P Datasheet HTML 8Page - STMicroelectronics TDA7492P Datasheet HTML 9Page - STMicroelectronics TDA7492P Datasheet HTML 10Page - STMicroelectronics TDA7492P Datasheet HTML 11Page - STMicroelectronics TDA7492P Datasheet HTML 12Page - STMicroelectronics TDA7492P Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 27 page
background image
DocID15068 Rev 6
9/27
TDA7492P
Electrical specifications
27
VOVP
Overvoltage protection threshold -
28
29
-
V
VUVP
Undervoltage protection
threshold
-
--7
V
RdsON
Power transistor on resistance
High side
-
0.2
-
Low side
-
0.2
-
Po
Output power
THD = 10%
-
25
-
W
THD = 1%
-
20
-
Po
Output power
VCC = 12 V, THD = 10%
-
9.5
-
W
VCC = 12 V, THD = 1%
-
7.2
-
PD
Power dissipated by device
Po = 25 W + 25 W,
THD = 10%
-5.0
-W
Efficiency
Po = 10 W + 10 W
80
90
-
%
THD
Total harmonic distortion
Po = 1 W
-
0.1
0.4
%
GV
Closed-loop gain
GAIN0 = L, GAIN1 = L
20.6
21.6
22.6
dB
GAIN0 = L, GAIN1 = H
26.6
27.6
28.6
GAIN0 = H, GAIN1 = L
30.1
31.1
32.1
GAIN0 = H, GAIN1 = H
32.6
33.6
34.6
G
V
Gain matching
-
-
-
±1
dB
CT
Cross talk
f = 1 kHz
-
50
-
dB
eN
Total input noise
A Curve, GV = 20 dB
-
20
-
µV
f = 22 Hz to 22 kHz
-
25
35
SVRR
Supply voltage rejection ratio
fr = 100 Hz, Vr = 0.5 V,
CSVR = 10 µF
40
50
-
dB
Tr, Tf
Rise and fall times
-
-
50
-
ns
fSW
Switching frequency
Internal oscillator
290
310
330
kHz
fSWR
Output switching frequency
range
With internal oscillator (1)
250
-
400
kHz
With external oscillator (2) 250
-
400
VinH
Digital input high (H)
-
2.3
-
-
V
VinL
Digital input low (L)
-
-
0.8
AMUTE
Mute attenuation
VMUTE = 1 V
60
80
-
dB
1.
fSW = 10
6 / ((16 * R
OSC + 182) * 4) kHz, fSYNCLK = 2 * fSW with R3 = 39 k, see Figure 20.
2.
fSW = fSYNCLK / 2 with the frequency of the external oscillator.
Table 5. Electrical specifications (continued)
Symbol
Parameter
Condition
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com