Electronic Components Datasheet Search
  English  ▼

X  

TDA7492P Datasheet(PDF) 12 Page - STMicroelectronics

Part # TDA7492P
Description  25 W 25 W dual BTL class-D audio amplifier
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7492P Datasheet(HTML) 12 Page - STMicroelectronics

Back Button TDA7492P Datasheet HTML 8Page - STMicroelectronics TDA7492P Datasheet HTML 9Page - STMicroelectronics TDA7492P Datasheet HTML 10Page - STMicroelectronics TDA7492P Datasheet HTML 11Page - STMicroelectronics TDA7492P Datasheet HTML 12Page - STMicroelectronics TDA7492P Datasheet HTML 13Page - STMicroelectronics TDA7492P Datasheet HTML 14Page - STMicroelectronics TDA7492P Datasheet HTML 15Page - STMicroelectronics TDA7492P Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 27 page
background image
Characterization curves
TDA7492P
12/27
DocID15068 Rev 6
Figure 8. Crosstalk vs frequency
Figure 9. FFT 0 dB
Figure 10. FFT -60 dB
Crosstalk
(dB)
Specification limit:
Typical:
> 50 dB @f = 1 kHz
Test conditions:
Vcc = 18 V,
RL = 6
Ω,
Rosc = 39 k
Ω, Cosc = 100 nF,
f = 1 kHz,
Gv = 30 dB,
Po = 1 W
Tamb = 25 C
-120
-60
-115
-110
-105
-100
-95
-90
-85
-80
-75
-70
-65
20
20k
50
100
200
500
1k
2k
5k
10k
Frequency (Hz)
Frequency (Hz)
FFT
(dB)
Specification limit:
Typical:
> 60 dB for the harmonic frequency
Test conditions:
Vcc = 18 V,
RL = 6
Ω,
Rosc = 39 k
Ω, Cosc = 100 nF,
f = 1 kHz,
Gv = 30 dB,
Po = 1 W
Tamb = 25 C
-150
+10
-140
-130
-120
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
+0
20
20k
50
100
200
500
1k
2k
5k
10k
-150
+0
-140
-130
-120
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
20
20k
50
100
200
500
1k
2k
5k
10k
Specification limit:
Typical:
> 90dB for the harmonic frequency
Test conditions:
Vcc = 18 V,
RL = 6
Ω,
Rosc = 39 k
Ω, Cosc = 100 nF,
f = 1 kHz,
Gv = 30 dB,
Po = -60 dB @1 W = 0 dB
Tamb = 25 C
FFT
(dB)
Frequency (Hz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com