Electronic Components Datasheet Search
  English  ▼

X  

TDA7492P Datasheet(PDF) 1 Page - STMicroelectronics

Part # TDA7492P
Description  25 W 25 W dual BTL class-D audio amplifier
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7492P Datasheet(HTML) 1 Page - STMicroelectronics

  TDA7492P Datasheet HTML 1Page - STMicroelectronics TDA7492P Datasheet HTML 2Page - STMicroelectronics TDA7492P Datasheet HTML 3Page - STMicroelectronics TDA7492P Datasheet HTML 4Page - STMicroelectronics TDA7492P Datasheet HTML 5Page - STMicroelectronics TDA7492P Datasheet HTML 6Page - STMicroelectronics TDA7492P Datasheet HTML 7Page - STMicroelectronics TDA7492P Datasheet HTML 8Page - STMicroelectronics TDA7492P Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
This is information on a product in full production.
February 2014
DocID15068 Rev 6
1/27
TDA7492P
25 W + 25 W dual BTL class-D audio amplifier
Datasheet
- production data
Features
 25 W + 25 W continuous output power at
THD = 10% with VCC = 20 V and RL = 8 
 Wide-range single-supply operation (8 - 26 V)
 High efficiency ( = 90%)
 Four selectable, fixed gain settings of
nominally 21.6 dB, 27.6 dB, 31.1 dB and
33.6 dB
 Differential inputs minimize common-mode
noise
 Standby and mute features
 Short-circuit protection
 Thermal overload protection
 Externally synchronizable
 ECOPACK®, environmentally-friendly package
Description
The TDA7492P is a dual BTL class-D audio
amplifier with single power supply, designed for
LCD TVs and monitors.
Thanks to the high efficiency and exposed-pad-
down (EPD) package no heatsink is required.
PowerSSO-36
with exposed pad down
Table 1. Device summary
Order code
Operating temp. range
Package
Packaging
TDA7492P13TR
-40 to 85 °C
PowerSSO-36 EPD
Tape and reel
www.st.com


Similar Part No. - TDA7492P

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7492P STMICROELECTRONICS-TDA7492P Datasheet
459Kb / 26P
25-watt 25-watt dual BTL class-D audio amplifier
12-Sep-2011
TDA7492P STMICROELECTRONICS-TDA7492P Datasheet
459Kb / 26P
25-watt 25-watt dual BTL class-D audio amplifier
12-Sep-2011
TDA7492P13TR STMICROELECTRONICS-TDA7492P13TR Datasheet
459Kb / 26P
25-watt 25-watt dual BTL class-D audio amplifier
12-Sep-2011
TDA7492PE STMICROELECTRONICS-TDA7492PE Datasheet
740Kb / 24P
45 W 45 W dual BTL class-D audio amplifier
17-Nov-2014
TDA7492PE STMICROELECTRONICS-TDA7492PE Datasheet
2Mb / 19P
45 W 45 W dual BTL class-D audio amplifier
21-Sep-2020
More results

Similar Description - TDA7492P

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA3120D2 TI-TPA3120D2 Datasheet
752Kb / 23P
25-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3120D2 TI-TPA3120D2_07 Datasheet
825Kb / 27P
25-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3123D2 TI-TPA3123D2 Datasheet
895Kb / 29P
25-W STEREO CLASS-D AUDIO POWER AMPLIFIER
logo
STMicroelectronics
TDA7491HV STMICROELECTRONICS-TDA7491HV Datasheet
933Kb / 26P
20 W 20 W dual BTL class-D audio amplifier
11-Dec-2007
TDA7491MV STMICROELECTRONICS-TDA7491MV Datasheet
697Kb / 28P
25 W mono BTL class-D audio amplifier
29-May-2009
TDA7492P STMICROELECTRONICS-TDA7492P Datasheet
459Kb / 26P
25-watt 25-watt dual BTL class-D audio amplifier
12-Sep-2011
TDA7492P13TR STMICROELECTRONICS-TDA7492P13TR Datasheet
459Kb / 26P
25-watt 25-watt dual BTL class-D audio amplifier
12-Sep-2011
TDA749213TR STMICROELECTRONICS-TDA749213TR Datasheet
537Kb / 32P
50 W 50 W dual BTL class-D audio amplifier
12-Sep-2011
TDA7492E STMICROELECTRONICS-TDA7492E Datasheet
665Kb / 24P
79 W 79 W dual BTL class-D audio amplifier
24-Feb-2017
TDA7492PE STMICROELECTRONICS-TDA7492PE Datasheet
740Kb / 24P
45 W 45 W dual BTL class-D audio amplifier
17-Nov-2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com