Electronic Components Datasheet Search
  English  ▼

X  

TDA7492P Datasheet(PDF) 26 Page - STMicroelectronics

Part # TDA7492P
Description  25 W 25 W dual BTL class-D audio amplifier
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7492P Datasheet(HTML) 26 Page - STMicroelectronics

Back Button TDA7492P Datasheet HTML 19Page - STMicroelectronics TDA7492P Datasheet HTML 20Page - STMicroelectronics TDA7492P Datasheet HTML 21Page - STMicroelectronics TDA7492P Datasheet HTML 22Page - STMicroelectronics TDA7492P Datasheet HTML 23Page - STMicroelectronics TDA7492P Datasheet HTML 24Page - STMicroelectronics TDA7492P Datasheet HTML 25Page - STMicroelectronics TDA7492P Datasheet HTML 26Page - STMicroelectronics TDA7492P Datasheet HTML 27Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 26 / 27 page
background image
Revision history
TDA7492P
26/27
DocID15068 Rev 6
8
Revision history
Table 10. Document revision history
Date
Revision
Changes
30-Sep-2008
1
Initial release.
11-May-2009
2
Updated supply operating range to 8 V - 26 V on page 1
Changed C1 to C8 at beginning of Section 3.3 on page 8
Updated Table 5: Electrical specifications on page 8 for VCC min, VOS
min/max and added new parameter VUV
Updated Figure 20: Applications circuit for class-D amplifier on
page 17
Inserted brackets in equation in Table 5 footnote and in
Section 6.4.1 on page 20
Updated values in UVP and OCP in Section 6.6 on page 22
Updated voltage to “<26 V” in Section 6.7 on page 22
Updated max dimensions for A and A2 in Table 9: PowerSSO-36 EPD
dimensions on page 25.
02-Sep-2009
3
Updated value for GV at head of Section 3.3 on page 8
Updated package Y (Min) dimension in Table 9 on page 25.
19-Jan-2011
4
Updated operating temperature range
Updated datasheet presentation.
12-Sep-2011
5
Updated OUTNA in Table 2: Pin description list
20-Feb-2014
6
Updated order code Table 1 on page 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com