Electronic Components Datasheet Search
  English  ▼

X  

TDA7492P Datasheet(PDF) 18 Page - STMicroelectronics

Part # TDA7492P
Description  25 W 25 W dual BTL class-D audio amplifier
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7492P Datasheet(HTML) 18 Page - STMicroelectronics

Back Button TDA7492P Datasheet HTML 14Page - STMicroelectronics TDA7492P Datasheet HTML 15Page - STMicroelectronics TDA7492P Datasheet HTML 16Page - STMicroelectronics TDA7492P Datasheet HTML 17Page - STMicroelectronics TDA7492P Datasheet HTML 18Page - STMicroelectronics TDA7492P Datasheet HTML 19Page - STMicroelectronics TDA7492P Datasheet HTML 20Page - STMicroelectronics TDA7492P Datasheet HTML 21Page - STMicroelectronics TDA7492P Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 27 page
background image
Applications information
TDA7492P
18/27
DocID15068 Rev 6
6
Applications information
6.1
Mode selection
The three operating modes of the TDA7492P are set by the two inputs STBY (pin 20) and
MUTE (pin 21).
Standby mode: all circuits are turned off, very low current consumption.
Mute mode: inputs are connected to ground and the positive and negative PWM
outputs are at 50% duty cycle.
Play mode: the amplifiers are active.
The protection functions of the TDA7492P are enabled by pulling down the voltages of the
STBY and MUTE inputs shown in Figure 21. The input current of the corresponding pins
must be limited to 200 µA.
Figure 21. Standby and mute circuits
Figure 22. Turn-on/off sequence for minimizing speaker “pop”
Table 6. Mode settings
Mode selection
STBY
MUTE
Standby
L (1)
1.
Drive levels defined in Table 5: Electrical specifications on page 8
X (don’t care)
Mute
H (1)
L
Play
H
H
TDA7492P
STBY
MUTE
0 V
3.3 V
C7
2.2 µF
R2
30 k
Standby
0 V
3.3 V
C15
2.2 µF
R4
30 k
Mute
VCC
STBY
MUTE
Input
Output
Iq
Standby Mute
Play
Mute
Standby
t
t
t
t
t
t
0
0
0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com