Electronic Components Datasheet Search
  English  ▼

X  

TDA7492P Datasheet(PDF) 10 Page - STMicroelectronics

Part # TDA7492P
Description  25 W 25 W dual BTL class-D audio amplifier
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7492P Datasheet(HTML) 10 Page - STMicroelectronics

Back Button TDA7492P Datasheet HTML 6Page - STMicroelectronics TDA7492P Datasheet HTML 7Page - STMicroelectronics TDA7492P Datasheet HTML 8Page - STMicroelectronics TDA7492P Datasheet HTML 9Page - STMicroelectronics TDA7492P Datasheet HTML 10Page - STMicroelectronics TDA7492P Datasheet HTML 11Page - STMicroelectronics TDA7492P Datasheet HTML 12Page - STMicroelectronics TDA7492P Datasheet HTML 13Page - STMicroelectronics TDA7492P Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 27 page
background image
Characterization curves
TDA7492P
10/27
DocID15068 Rev 6
4
Characterization curves
The following characterizations were made using the SZ-LAB-TDA7492P demo board. The
layout is shown in Figure 19 on page 16. The LC filter for the 6
 load used 22 µH and
220 nF components, whilst that for the 8
 load used 33 µH and 220 nF.
4.1
Characterizations for 6
 loads with 18 V
Figure 3. Output power vs. supply voltage
Figure 4. THD at 1 kHz vs. output power
0
2
4
6
8
10
12
14
16
18
20
22
24
26
28
8
9
10
11
12
13
14
15
16
17
18
Test conditions:
Vcc = 8 to 18 V,
RL = 6
Ω,
Rosc = 39 k
Ω, Cosc = 100 nF,
f = 1 kHz,
Gv = 30 dB,
Tamb = 25 C
Specification limit:
Typical:
Vcc =18 V, RL = 6
Ω
Po = 25 W @THD = 10%
Po = 20 W @THD = 1%
THD = 1%
THD = 10%
Supply voltage (V)
THD (%)
0.005
10
0.01
0.02
0.05
0.1
0.2
0.5
1
2
5
200m
30
500m
1
2
5
10
20
Test conditions:
Vcc = 18 V,
RL = 6
Ω,
Rosc = 39 k
Ω, Cosc = 100 nF,
f = 1 kHz,
Gv = 30 dB,
Tamb = 25 C
Specification limit:
Typical:
Po = 25 W @THD = 10%
Output power (W)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com