Electronic Components Datasheet Search
  English  ▼

X  

CC1352P Datasheet(PDF) 2 Page - Texas Instruments

Part # CC1352P
Description  CC1312R SimpleLink™ High-Performance Sub-1 GHz Wireless MCU
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CC1352P Datasheet(HTML) 2 Page - Texas Instruments

  CC1352P Datasheet HTML 1Page - Texas Instruments CC1352P Datasheet HTML 2Page - Texas Instruments CC1352P Datasheet HTML 3Page - Texas Instruments CC1352P Datasheet HTML 4Page - Texas Instruments CC1352P Datasheet HTML 5Page - Texas Instruments CC1352P Datasheet HTML 6Page - Texas Instruments CC1352P Datasheet HTML 7Page - Texas Instruments CC1352P Datasheet HTML 8Page - Texas Instruments CC1352P Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 79 page
background image
2 Applications
• 169, 433, 470 to 510, 868, and 902 to 928 MHz
ISM and SRD systems 1
with down to 4 kHz of receive bandwidth
• Building automation
– Building security systems – motion detector,
electronic smart lock, door and window sensor,
garage door system, gateway
– HVAC – thermostat, wireless environmental
sensor, HVAC system controller, gateway
– Fire safety system – smoke and heat detector,
fire alarm control panel (FACP)
– Video surveillance – IP network camera
– Elevators and escalators – elevator main
control panel for elevators and escalators
• Grid infrastructure
– Smart meters – water meter, gas meter,
electricity meter, and heat cost allocators
– Grid communications – wireless
communications – Long-range sensor
applications
– Other alternative energy – energy harvesting
• Industrial transport – asset tracking
• Factory automation and control
• Medical
• Electronic point of sale (EPOS) – Electronic Shelf
Label (ESL)
• Personal electronics
– Connected peripherals – consumer wireless
module
– Home theater & entertainment – smart
speakers, set-top box
– Gaming
– Wearables (non-medical)
3 Description
The SimpleLink™ CC1312R device is a multiprotocol Sub-1 GHz wireless microcontroller (MCU) supporting
IEEE 802.15.4g, IPv6-enabled smart objects (6LoWPAN), MIOTY®, Wi-SUN®, proprietary systems, including the
TI 15.4-Stack (Sub-1 GHz). The device is optimized for low-power wireless communication and advanced
sensing in building security systems, HVAC, smart meters, medical, wired networking, portable electronics,
home theater & entertainment, and connected peripherals markets. The highlighted features of this device
include:
• Flexible Sub-1 GHz radio supporting industry standard frequency bands (315 MHz, 433 MHz, 868 MHz,
900 MHz, and more) to meet the industrial needs.
• Wide flexibility of protocol stack support in the SimpleLink™ CC13x2 and CC26x2 Software Development Kit
(SDK) including complete SimpleLink™ 15.4-Stack (Sub-1 GHz) solution.
• Maximum transmit power of +14 dBm at Sub-1 GHz with 24.9 mA current consumption.
• Longer battery life wireless applications with low standby current of 0.85 µA and full RAM retention.
• Industrial temperature ready with lowest standby current of 11 µA at 105°C.
• Advanced sensing with a programmable, autonomous ultra-low power Sensor Controller CPU with fast wake-
up capability. As an example, the sensor controller is capable of 1-Hz ADC sampling at 1 µA system current.
• Low SER (Soft Error Rate) FIT (Failure-in-time) for long operation lifetime with no disruption for industrial
markets with always-on SRAM parity against corruption due to potential radiation events.
• Dedicated software controlled radio controller (Arm® Cortex®-M0) providing flexible low-power RF transceiver
capability to support multiple physical layers and RF standards.
• Excellent radio sensitivity (-121 dBm) and robustness (selectivity and blocking) performance for SimpleLink™
long-range mode.
The CC1312R device is part of the SimpleLink™ MCU platform, which consists of
Wi-Fi®, Bluetooth Low Energy, Thread, Zigbee, Sub-1 GHz MCUs, and host MCUs that all share a common,
easy-to-use development environment with a single core software development kit (SDK) and rich tool set. A
one-time integration of the SimpleLink™ platform enables you to add any combination of the portfolio’s devices
into your design, allowing 100 percent code reuse when your design requirements change. For more
information, visit SimpleLink™ MCU platform.
1 See RF Core for additional details on supported protocol standards, modulation formats, and data rates.
CC1312R
SWRS210H – JANUARY 2018 – REVISED NOVEMBER 2020
www.ti.com
2
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: CC1312R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com