Electronic Components Datasheet Search
  English  ▼

X  

CC1352P Datasheet(PDF) 7 Page - Texas Instruments

Part # CC1352P
Description  CC1312R SimpleLink™ High-Performance Sub-1 GHz Wireless MCU
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CC1352P Datasheet(HTML) 7 Page - Texas Instruments

Back Button CC1352P Datasheet HTML 3Page - Texas Instruments CC1352P Datasheet HTML 4Page - Texas Instruments CC1352P Datasheet HTML 5Page - Texas Instruments CC1352P Datasheet HTML 6Page - Texas Instruments CC1352P Datasheet HTML 7Page - Texas Instruments CC1352P Datasheet HTML 8Page - Texas Instruments CC1352P Datasheet HTML 9Page - Texas Instruments CC1352P Datasheet HTML 10Page - Texas Instruments CC1352P Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 79 page
background image
7 Terminal Configuration and Functions
7.1 Pin Diagram – RGZ Package (Top View)
DCDC_SW
33
DIO_18
34
RESET_N
35
DIO_23
36
X32K_Q2
4
X32K_Q1
3
RF_N
2
RF_P
1
DIO_22
32
DIO_21
31
DIO_20
30
DIO_19
29
RX_TX
5
DIO_1
6
DIO_2
7
8
28
27
26
JTAG_TCKC
25
9
10
11
12
DIO_17
DIO_16
VDDS_DCDC
DIO_5
DIO_6
DIO_7
DIO_3
DIO_4
Figure 7-1. RGZ (7-mm × 7-mm) Pinout, 0.5-mm Pitch (Top View)
The following I/O pins marked in Figure 7-1 in bold have high-drive capabilities:
• Pin 10, DIO_5
• Pin 11, DIO_6
• Pin 12, DIO_7
• Pin 24, JTAG_TMSC
• Pin 26, DIO_16
• Pin 27, DIO_17
The following I/O pins marked in Figure 7-1 in italics have analog capabilities:
• Pin 36, DIO_23
• Pin 37, DIO_24
• Pin 38, DIO_25
• Pin 39, DIO_26
• Pin 40, DIO_27
• Pin 41, DIO_28
• Pin 42, DIO_29
• Pin 43, DIO_30
www.ti.com
CC1312R
SWRS210H – JANUARY 2018 – REVISED NOVEMBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
7
Product Folder Links: CC1312R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com