Electronic Components Datasheet Search
  English  ▼

X  

CC1352P Datasheet(PDF) 8 Page - Texas Instruments

Part # CC1352P
Description  CC1312R SimpleLink™ High-Performance Sub-1 GHz Wireless MCU
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CC1352P Datasheet(HTML) 8 Page - Texas Instruments

Back Button CC1352P Datasheet HTML 4Page - Texas Instruments CC1352P Datasheet HTML 5Page - Texas Instruments CC1352P Datasheet HTML 6Page - Texas Instruments CC1352P Datasheet HTML 7Page - Texas Instruments CC1352P Datasheet HTML 8Page - Texas Instruments CC1352P Datasheet HTML 9Page - Texas Instruments CC1352P Datasheet HTML 10Page - Texas Instruments CC1352P Datasheet HTML 11Page - Texas Instruments CC1352P Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 79 page
background image
7.2 Signal Descriptions – RGZ Package
Table 7-1. Signal Descriptions – RGZ Package
PIN
I/O
TYPE
DESCRIPTION
NAME
NO.
DCDC_SW
33
—
Power
Output from internal DC/DC converter(1)
DCOUPL
23
—
Power
For decoupling of internal 1.27 V regulated digital-supply (2)
DIO_1
6
I/O
Digital
GPIO
DIO_2
7
I/O
Digital
GPIO
DIO_3
8
I/O
Digital
GPIO
DIO_4
9
I/O
Digital
GPIO
DIO_5
10
I/O
Digital
GPIO, high-drive capability
DIO_6
11
I/O
Digital
GPIO, high-drive capability
DIO_7
12
I/O
Digital
GPIO, high-drive capability
DIO_8
14
I/O
Digital
GPIO
DIO_9
15
I/O
Digital
GPIO
DIO_10
16
I/O
Digital
GPIO
DIO_11
17
I/O
Digital
GPIO
DIO_12
18
I/O
Digital
GPIO
DIO_13
19
I/O
Digital
GPIO
DIO_14
20
I/O
Digital
GPIO
DIO_15
21
I/O
Digital
GPIO
DIO_16
26
I/O
Digital
GPIO, JTAG_TDO, high-drive capability
DIO_17
27
I/O
Digital
GPIO, JTAG_TDI, high-drive capability
DIO_18
28
I/O
Digital
GPIO
DIO_19
29
I/O
Digital
GPIO
DIO_20
30
I/O
Digital
GPIO
DIO_21
31
I/O
Digital
GPIO
DIO_22
32
I/O
Digital
GPIO
DIO_23
36
I/O
Digital or Analog
GPIO, analog capability
DIO_24
37
I/O
Digital or Analog
GPIO, analog capability
DIO_25
38
I/O
Digital or Analog
GPIO, analog capability
DIO_26
39
I/O
Digital or Analog
GPIO, analog capability
DIO_27
40
I/O
Digital or Analog
GPIO, analog capability
DIO_28
41
I/O
Digital or Analog
GPIO, analog capability
DIO_29
42
I/O
Digital or Analog
GPIO, analog capability
DIO_30
43
I/O
Digital or Analog
GPIO, analog capability
EGP
—
—
GND
Ground – exposed ground pad(3)
JTAG_TMSC
24
I/O
Digital
JTAG TMSC, high-drive capability
JTAG_TCKC
25
I
Digital
JTAG TCKC
RESET_N
35
I
Digital
Reset, active low. No internal pullup resistor
RF_P
1
—
RF
Positive RF input signal to LNA during RX
Positive RF output signal from PA during TX
RF_N
2
—
RF
Negative RF input signal to LNA during RX
Negative RF output signal from PA during TX
RX_TX
3
—
RF
Optional bias pin for the RF LNA
VDDR
45
—
Power
Internal supply, must be powered from the internal DC/DC
converter or the internal LDO(4) (2) (6)
CC1312R
SWRS210H – JANUARY 2018 – REVISED NOVEMBER 2020
www.ti.com
8
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: CC1312R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com