Electronic Components Datasheet Search
  English  ▼

X  

CC1352P Datasheet(PDF) 24 Page - Texas Instruments

Part # CC1352P
Description  CC1312R SimpleLink™ High-Performance Sub-1 GHz Wireless MCU
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CC1352P Datasheet(HTML) 24 Page - Texas Instruments

Back Button CC1352P Datasheet HTML 20Page - Texas Instruments CC1352P Datasheet HTML 21Page - Texas Instruments CC1352P Datasheet HTML 22Page - Texas Instruments CC1352P Datasheet HTML 23Page - Texas Instruments CC1352P Datasheet HTML 24Page - Texas Instruments CC1352P Datasheet HTML 25Page - Texas Instruments CC1352P Datasheet HTML 26Page - Texas Instruments CC1352P Datasheet HTML 27Page - Texas Instruments CC1352P Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 79 page
background image
8.17 143 MHz to 176 MHz - Receive (RX)
When measured on the CC1352EM-XS169-XS24 reference design with Tc = 25 °C, VDDS = 3.0 V with
DC/DC enabled unless otherwise noted. All measurements are performed at the antenna input with a combined RX and TX
path. All measurements are performed conducted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX UNIT
General Parameters
Spurious emissions 25 MHz to 1 GHz
169.44375 MHz
Conducted emissions measured according to ETSI EN
300 220
< -57
dBm
Spurious emissions 1 GHz to 13 GHz
< -47
dBm
WMBUS N-MODE, 4.8 kbps, ±2.4 kHz Deviation, 2-GFSK, 10 kHz RX Bandwidth
Sensitivity 4.8 kbps ± 2.4 kHz
BER = 10–2, 169.40625 MHz
–119
dBm
Saturation limit
BER = 10–2, 169.40625 MHz
10
dBm
Selectivity, +12.5 kHz (1)
BER = 10–2, 169.40625 MHz
51
dB
Selectivity, -12.5 kHz (1)
BER = 10–2, 169.40625 MHz
51
dB
Selectivity, +25 kHz (1)
BER = 10–2, 169.40625 MHz
52
dB
Selectivity, -25 kHz (1)
BER = 10–2, 169.40625 MHz
52
dB
Blocking, +1 MHz (1)
BER = 10–2, 169.40625 MHz
73
dB
Blocking, -1 MHz (1)
BER = 10–2, 169.40625 MHz
72
dB
Blocking, +2 MHz (1)
BER = 10–2, 169.40625 MHz
77
dB
Blocking, -2 MHz (1)
BER = 10–2, 169.40625 MHz
75
dB
Blocking, +10 MHz (1)
BER = 10–2, 169.40625 MHz
86
dB
Blocking, -10 MHz (1)
BER = 10–2, 169.40625 MHz
86
dB
Image rejection (image compensation
enabled) (1)
BER = 10–2, 169.40625 MHz
46
dB
RSSI dynamic range
Starting from the sensitivity limit
91
dB
RSSI accuracy
Starting from the sensitivity limit across the given
dynamic range
±3
dB
WMBUS N-MODE, 2.4 kbps, ±2.4 kHz Deviation, 2-GFSK, 10 kHz RX Bandwidth
Sensitivity
BER = 10–2, 169.43125 MHz
–121
dBm
Saturation limit
BER = 10–2, 169.43125 MHz
10
dBm
Selectivity, +12.5 kHz (1)
BER = 10–2, 169.43125 MHz
51
dB
Selectivity, -12.5 kHz (1)
BER = 10–2, 169.43125 MHz
51
dB
Selectivity, +25 kHz (1)
BER = 10–2, 169.43125 MHz
52
dB
Selectivity, -25 kHz (1)
BER = 10–2, 169.43125 MHz
52
dB
Blocking, +1 MHz (1)
BER = 10–2, 169.43125 MHz
74
dB
Blocking, -1 MHz (1)
BER = 10–2, 169.43125 MHz
73
dB
Blocking, +2 MHz (1)
BER = 10–2, 169.43125 MHz
78
dB
Blocking, -2 MHz (1)
BER = 10–2, 169.43125 MHz
77
dB
Blocking, +10 MHz (1)
BER = 10–2, 169.43125 MHz
88
dB
Blocking, -10 MHz (1)
BER = 10–2, 169.43125 MHz
87
dB
Image rejection (image compensation
enabled) (1)
BER = 10–2, 169.43125 MHz
50
dB
RSSI dynamic range
Starting from the sensitivity limit
92
dB
RSSI accuracy
Starting from the sensitivity limit across the given
dynamic range
±3
dB
(1)
Wanted signal 3 dB above sensitivity limit
CC1312R
SWRS210H – JANUARY 2018 – REVISED NOVEMBER 2020
www.ti.com
24
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: CC1312R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com