Electronic Components Datasheet Search
  English  ▼

X  

CC1352P Datasheet(PDF) 5 Page - Texas Instruments

Part # CC1352P
Description  CC1312R SimpleLink™ High-Performance Sub-1 GHz Wireless MCU
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CC1352P Datasheet(HTML) 5 Page - Texas Instruments

  CC1352P Datasheet HTML 1Page - Texas Instruments CC1352P Datasheet HTML 2Page - Texas Instruments CC1352P Datasheet HTML 3Page - Texas Instruments CC1352P Datasheet HTML 4Page - Texas Instruments CC1352P Datasheet HTML 5Page - Texas Instruments CC1352P Datasheet HTML 6Page - Texas Instruments CC1352P Datasheet HTML 7Page - Texas Instruments CC1352P Datasheet HTML 8Page - Texas Instruments CC1352P Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 79 page
background image
5 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from May 19, 2020 to November 18, 2020 (from Revision G (May 2020) to Revision H
(November 2020))
Page
• Updated the numbering format for tables, figures, and cross-references throughout the document..................1
• Added Amazon Sidewalk to the Wireless protocols list item in Section 1, Features ......................................... 1
• Added TCXO support in Section 1, Features .................................................................................................... 1
• Added 169 MHz band in Section 2, Applications ...............................................................................................2
• Changed the test condition to "Zero cycles" for the Flash sector erase time parameter in Section 8.7,
Nonvolatile (Flash) Memory Characteristics .................................................................................................... 10
• Added the 169 MHz band in Section 8.9, RF Frequency Bands ..................................................................... 10
• Changed the name of "802.15.4g Mandatory Mode" to "IEEE 802.15.4" and added deviation to conditions in
Section 8.10, 861 MHz to 1054 MHz - Receive (RX) ...................................................................................... 10
• Added the following sections to Section 8.10, 861 MHz to 1054 MHz - Receive (RX): 100 kbps, ±25 kHz
deviation, 2-GFSK, 137 kHz RX Bandwidth; 200 kbps, ±50 kHz deviation, 2-GFSK, 311 kHz RX Bandwidth;
500 kbps, ±190 kHz deviation, 2-GFSK, 1150 kHz RX Bandwidth; OOK, 4.8 kbps; Narrowband, 9.6 kbps ±2.4
kHz deviation, 2-GFSK, 868 MHz, 17.1 kHz RX Bandwidth; 1 Mbps, ±350 kHz deviation, 2-GFSK, 2.2 MHz
RX Bandwidth; Wi-SUN; WB-DSSS, 240/120/60/30 kbps (480 ksym/s, 2-GFSK, ±195 kHz Deviation, FEC
(Half Rate), DSSS = 1/2/4/8, 622 kHz RX BW)................................................................................................ 10
• Added the Adjacent Channel Power and Alternate Channel Power parameters to Section 8.11, 861 MHz to
1054 MHz - Receive (TX) ................................................................................................................................ 10
• Added the OOK 4.8 kbps section to Section 8.14, 359 MHz to 527 MHz - Receive (RX) ............................... 10
• Added 143 MHz to 176 MHz band specifications: Section 8.17, Section 8.18, and Section 8.19 ................... 10
• Added Section 8.20.3.1, 48 MHz Clock Input (TCXO) .....................................................................................27
• Changed the frequency of the input tone for 14-bit and 15-bit mode in Section 8.21.1.1 ................................31
• Updated Figure 8-17; added Figure 8-18, Figure 8-19, and Figure 8-20 .........................................................45
• Added the TXCO option in the paragraph that begins "The 48 MHz SCLK_HF is used as…" in Section 9.13,
Clock Systems ................................................................................................................................................. 63
• Added the paragraph that begins "Integrated matched filter-balun devices can be used…" in Section 10.1,
Reference Designs .......................................................................................................................................... 64
www.ti.com
CC1312R
SWRS210H – JANUARY 2018 – REVISED NOVEMBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
5
Product Folder Links: CC1312R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com