Electronic Components Datasheet Search
  English  ▼

X  

CC1352P Datasheet(PDF) 64 Page - Texas Instruments

Part # CC1352P
Description  CC1312R SimpleLink™ High-Performance Sub-1 GHz Wireless MCU
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CC1352P Datasheet(HTML) 64 Page - Texas Instruments

Back Button CC1352P Datasheet HTML 60Page - Texas Instruments CC1352P Datasheet HTML 61Page - Texas Instruments CC1352P Datasheet HTML 62Page - Texas Instruments CC1352P Datasheet HTML 63Page - Texas Instruments CC1352P Datasheet HTML 64Page - Texas Instruments CC1352P Datasheet HTML 65Page - Texas Instruments CC1352P Datasheet HTML 66Page - Texas Instruments CC1352P Datasheet HTML 67Page - Texas Instruments CC1352P Datasheet HTML 68Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 79 page
background image
10 Application, Implementation, and Layout
Note
Information in the following applications sections is not part of the TI component specification, and TI
does not warrant its accuracy or completeness. TI’s customers are responsible for determining
suitability of components for their purposes. Customers should validate and test their design
implementation to confirm system functionality.
For general design guidelines and hardware configuration guidelines, refer to CC13xx/CC26xx Hardware
Configuration and PCB Design Considerations Application Report.
10.1 Reference Designs
The following reference designs should be followed closely when implementing designs using the CC1312R
device.
Special attention must be paid to RF component placement, decoupling capacitors and DCDC regulator
components, as well as ground connections for all of these.
Integrated matched filter-balun devices can be used both at sub-1 GHz frequencies and at 2.4 GHz for the low-
power RF outputs. Refer to the "Integrated Passive Component" section in CC13xx/CC26xx Hardware
Configuration and PCB Design Considerations for further information.
CC1312REM-XD7793
Design Files
The CC1312REM-XD7793 reference design provides schematic, layout and
production files for the characterization board used for deriving the performance
number found in this document.
LAUNCHXL-CC1312R1
Design Files
The CC1312R LaunchPad Design Files contain detailed schematics and layouts to
build application specific boards using the CC1312R device.
LAUNCHXL-CC1352P-4
Design Files
Detailed schematics and layouts for the multi-band CC1352P LaunchPad
evaluation board featuring 2.4 GHz RF matching optimized for 10 dBm operation
on the 20 dBm PA output and up to 13 dBm TX power at 433 MHz.
Sub-1 GHz and 2.4 GHz
Antenna Kit for
LaunchPad™
Development Kit and
SensorTag
The antenna kit allows real-life testing to identify the optimal antenna for your
application. The antenna kit includes 16 antennas for frequencies from 169 MHz
to 2.4 GHz, including:
• PCB antennas
• Helical antennas
• Chip antennas
• Dual-band antennas for 868 MHz and 915 MHz combined with 2.4 GHz
The antenna kit includes a JSC cable to connect to the Wireless MCU LaunchPad
development kits and SensorTags.
CC1312R
SWRS210H – JANUARY 2018 – REVISED NOVEMBER 2020
www.ti.com
64
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: CC1312R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com