Electronic Components Datasheet Search
  English  ▼

X  

KB4540 Datasheet(PDF) 4 Page - Kingbor Technology Co

Part # KB4540
Description  Li-Ion Battery Charger
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBOR [Kingbor Technology Co]
Direct Link  http://www.kingbor.com
Logo KINGBOR - Kingbor Technology Co

KB4540 Datasheet(HTML) 4 Page - Kingbor Technology Co

  KB4540 Datasheet HTML 1Page - Kingbor Technology Co KB4540 Datasheet HTML 2Page - Kingbor Technology Co KB4540 Datasheet HTML 3Page - Kingbor Technology Co KB4540 Datasheet HTML 4Page - Kingbor Technology Co KB4540 Datasheet HTML 5Page - Kingbor Technology Co KB4540 Datasheet HTML 6Page - Kingbor Technology Co KB4540 Datasheet HTML 7Page - Kingbor Technology Co KB4540 Datasheet HTML 8Page - Kingbor Technology Co KB4540 Datasheet HTML 9Page - Kingbor Technology Co Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
4
TEMPERATURE (
°C)
–50
3.7
3.5
3.3
3.1
2.9
2.7
2.5
25
75
–25
0
50
100
125
VPROG (V)
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
2.0
2.1
2.2
2.3
2.4
2.5
2.6
VPROG (V)
2.0
5.0
3.0
4.0
0
–50
–100
–150
–200
–250
–300
–350
–400
2.5
3.5
4.5
5.5
TEMPERATURE (
°C)
–50
100
050
4.26
4.24
4.22
4.20
4.18
4.16
4.14
4.12
4.10
–25
25
75
4.215
4.210
4.205
4.200
4.195
4.190
4.185
IBAT (mA)
0
100
200
300
400
500
700
600
VCC (V)
4.0
4.215
4.210
4.205
4.200
4.195
4.190
4.185
4.5
5.0
5.5
6.0
6.5
7.0
TEMPERATURE (
°C)
–50
100
050
20
18
16
14
12
10
8
6
4
–25
25
75
125
0
22
20
18
16
14
12
10
8
35
12
46
7
VCHRG (V)
0
25
20
15
10
5
0
2
4
5
1
3
6
7
VBAT = 4.3V
VPROG = 0V
VCC = 5V
VBAT = 4.3V
TA = 25°C
VCC = 5V
VBAT = 4.3V
TA = 25°C
VCC = 6.5V
VCC = 4.2V
VCC = 5V
TA = 25°C
RPROG = 1.25k
VCC = 5V
RPROG = 10k
TA = 25°C
RPROG = 10k
VCC = 5V
VBAT = 4V
TA = 25°C
VCC = 5V
VBAT = 4.3V
TA = 25°C
VCC = 5V
VBAT = 4V
VCHRG = 1V
VCHRG (V)
PROG Pin Pull-Up Current vs
Temperature and Supply Voltage
PROG Pin Current vs PROG Pin
Voltage (Pull-Up Current)
PROG Pin Current vs PROG Pin
Voltage (Clamp Current)
Regulated Output (Float) Voltage
vs Charge Current
Regulated Output (Float) Voltage
vs Temperature
Regulated Output (Float) Voltage
vs Supply Voltage
CHRG Pin I-V Curve
(Strong Pull-Down State)
CHRG Pin Current vs Temperature
(Strong Pull-Down State)
CHRG Pin I-V Curve
(Weak Pull-Down State)
KB4540
Kingbor Technology Co.,Ltd
TEL:(86)0755-26508846 FAX:(86)0755-26509052
TYPICAL PERFORMANCE CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com