Electronic Components Datasheet Search
  English  ▼

X  

KB4540 Datasheet(PDF) 5 Page - Kingbor Technology Co

Part # KB4540
Description  Li-Ion Battery Charger
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBOR [Kingbor Technology Co]
Direct Link  http://www.kingbor.com
Logo KINGBOR - Kingbor Technology Co

KB4540 Datasheet(HTML) 5 Page - Kingbor Technology Co

  KB4540 Datasheet HTML 1Page - Kingbor Technology Co KB4540 Datasheet HTML 2Page - Kingbor Technology Co KB4540 Datasheet HTML 3Page - Kingbor Technology Co KB4540 Datasheet HTML 4Page - Kingbor Technology Co KB4540 Datasheet HTML 5Page - Kingbor Technology Co KB4540 Datasheet HTML 6Page - Kingbor Technology Co KB4540 Datasheet HTML 7Page - Kingbor Technology Co KB4540 Datasheet HTML 8Page - Kingbor Technology Co KB4540 Datasheet HTML 9Page - Kingbor Technology Co Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
5
TEMPERATURE (
°C)
–50
–25
0
25
50
75
100
TEMPERATURE (
°C)
–50
28
25
23
19
16
13
10
–25
025
50
75
100
TEMPERATURE (
°C)
–50
–25
0
25
50
75
100
50
40
30
20
10
0
VCC (V)
4.0
50
40
30
20
10
0
4.5
5.0
5.5
6.0
6.5
7.0
3.000
2.975
2.950
2.925
2.900
2.875
2.850
2.825
2.800
VBAT (V)
2.7
3.0
3.3
3.9
3.6
4.2
4.5
600
500
400
300
200
100
0
600
500
400
300
200
100
0
VCC (V)
4.0
600
500
400
300
200
100
0
4.5
5.0
5.5
6.0
6.5
7.0
4.11
4.09
4.07
4.05
4.03
4.01
3.99
TEMPERATURE (
°C)
–50
25
75
–25
0
50
100
125
TEMPERATURE (
°C)
–50
25
75
–25
0
50
100
–50
25
75
–25
0
50
100
125
TEMPERATURE (
°C)
700
650
600
550
500
450
400
350
VCC = 5V
VBAT = 4.3V
VCHRG = 5V
VCC = 5V
VBAT = 2.5V
VBAT = 2.5V
TA = 25°C
VBAT = 4V
TA = 25°C
θJA = 80°C/W
ONSET OF
THERMAL
REGULATION
VCC = 5V
θJA = 125°C/W
RPROG = 2k
VCC = 5V
RPROG = 10k
VCC = 5V
VBAT = 4V
θJA = 80°C/W
VCC = 5V
RPROG = 10k
VCC = 4.2V
IBAT = 100mA
RPROG = 2k
RPROG = 2k
RPROG = 10k
RPROG = 10k
RPROG = 2k
RPROG = 10k
RPROG = 2k
RPROG = 10k
RPROG = 2k
TA = 40°C
TA = 25°C
TA = 0°C
ONSET OF
THERMAL
REGULATION
CHRG Pin Current vs Temperature
(Weak Pull-Down State)
Trickle Charge Current
vs Temperature
Trickle Charge Current vs
Supply Voltage
Trickle Charge Threshold vs
Temperature
Charge Current vs Battery Voltage
Charge Current vs Supply Voltage
Charge Current vs Ambient
Temperature
Recharge Voltage Threshold
vs Temperature
Power FET “ON” Resistance
vs Temperature
KB4540
Kingbor Technology Co.,Ltd
TEL:(86)0755-26508846 FAX:(86)0755-26509052
TYPICAL PERFORMANCE CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com