Electronic Components Datasheet Search
  English  ▼

X  

KB4540 Datasheet(PDF) 10 Page - Kingbor Technology Co

Part # KB4540
Description  Li-Ion Battery Charger
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBOR [Kingbor Technology Co]
Direct Link  http://www.kingbor.com
Logo KINGBOR - Kingbor Technology Co

KB4540 Datasheet(HTML) 10 Page - Kingbor Technology Co

Back Button KB4540 Datasheet HTML 6Page - Kingbor Technology Co KB4540 Datasheet HTML 7Page - Kingbor Technology Co KB4540 Datasheet HTML 8Page - Kingbor Technology Co KB4540 Datasheet HTML 9Page - Kingbor Technology Co KB4540 Datasheet HTML 10Page - Kingbor Technology Co KB4540 Datasheet HTML 11Page - Kingbor Technology Co KB4540 Datasheet HTML 12Page - Kingbor Technology Co KB4540 Datasheet HTML 13Page - Kingbor Technology Co KB4540 Datasheet HTML 14Page - Kingbor Technology Co Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
10
Stability Considerations
The constant-voltage mode feedback loop is stable with-
out an output capacitor provided a battery is connected to
the charger output. With no battery present, an output
capacitor is recommended to reduce ripple voltage. When
using high value, low ESR ceramic capacitors, it is recom-
mended to add a 1
Ω resistor in series with the capacitor.
No series resistor is needed if tantalum capacitors are
used.
In constant-current mode, the PROG pin is in the feedback
loop, not the battery. The constant-current mode stability
is affected by the impedance at the PROG pin. With no
additional capacitance on the PROG pin, the charger is
stable with program resistor values as high as 20k. How-
ever, additional capacitance on this node reduces the
maximum allowed program resistor. The pole frequency
at the PROG pin should be kept above 100kHz. Therefore,
if the PROG pin is loaded with a capacitance, CPROG, the
following equation can be used to calculate the maximum
resistance value for RPROG:
R
C
PROG
PROG
≤
π
1
2105
Average, rather than instantaneous, charge current may
be of interest to the user. For example, if a switching power
supply operating in low current mode is connected in
parallel with the battery, the average current being pulled
out of the BAT pin is typically of more interest than the
instantaneous current pulses. In such a case, a simple RC
filter can be used on the PROG pin to measure the average
battery current as shown in Figure 2. A 10k resistor has
been added between the PROG pin and the filter capacitor
to ensure stability.
Power Dissipation
The conditions that cause the KB4540 to reduce charge
current through thermal feedback can be approximated by
considering the power dissipated in the IC. Nearly all of
this power dissipation is generated by the internal
MOSFET—this is calculated to be approximately:
PD = (VCC – VBAT) • IBAT
where PD is the power dissipated, VCC is the input supply
voltage, VBAT is the battery voltage and IBAT is the charge
current. The approximate ambient temperature at which
the thermal feedback begins to protect the IC is:
TA = 120°C – PDθJA
TA = 120°C – (VCC – VBAT) • IBAT • θJA
Example: An KB4540 operating from a 5V USB supply is
programmed to supply 400mA full-scale current to a
discharged Li-Ion battery with a voltage of 3.75V. Assum-
ing
θJAis150°C/W(seeBoardLayoutConsiderations),the
ambient temperature at which the KB4540 will begin to
reduce the charge current is approximately:
TA = 120°C – (5V – 3.75V) • (400mA) • 150°C/W
TA = 120°C – 0.5W • 150°C/W = 120°C – 75°C
TA = 45°C
PROG
10k
RPROG
CFILTER
CHARGE
CURRENT
MONITOR
CIRCUITRY
KB4540
GND
Figure 2. Isolating Capacitive Load on PROG Pin and Filtering
KB4540
Kingbor Technology Co.,Ltd
TEL:(86)0755-26508846 FAX:(86)0755-26509052
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com