Electronic Components Datasheet Search
  English  ▼

X  

KB4540 Datasheet(PDF) 12 Page - Kingbor Technology Co

Part # KB4540
Description  Li-Ion Battery Charger
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBOR [Kingbor Technology Co]
Direct Link  http://www.kingbor.com
Logo KINGBOR - Kingbor Technology Co

KB4540 Datasheet(HTML) 12 Page - Kingbor Technology Co

Back Button KB4540 Datasheet HTML 7Page - Kingbor Technology Co KB4540 Datasheet HTML 8Page - Kingbor Technology Co KB4540 Datasheet HTML 9Page - Kingbor Technology Co KB4540 Datasheet HTML 10Page - Kingbor Technology Co KB4540 Datasheet HTML 11Page - Kingbor Technology Co KB4540 Datasheet HTML 12Page - Kingbor Technology Co KB4540 Datasheet HTML 13Page - Kingbor Technology Co KB4540 Datasheet HTML 14Page - Kingbor Technology Co KB4540 Datasheet HTML 15Page - Kingbor Technology Co  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
12
Solving for IBAT using the quadratic formula2.
I
VV
VV
RC
T
R
BAT
S
BAT
S
BAT
CC
A
JA
CC
=
°
⎛
⎝⎜
⎞
⎠⎟
()
()
()
2 4
120
2
θ
Using RCC = 0.25Ω, VS = 5V, VBAT = 3.75V, TA = 25°C and
θJA = 125°C/W we can calculate the thermally regulated
charge current to be:
IBAT = 708.4mA
While this application delivers more energy to the battery
and reduces charge time in thermal mode, it may actually
lengthen charge time in voltage mode if VCC becomes low
RCC (Ω)
0
1000
800
600
400
200
0
0.5
1.0
1.25
0.25
0.75
1.5
1.75
CONSTANT
CURRENT
VBAT = 3.75V
TA = 25°C
θJA = 125°C/W
RPROG = 1.25kΩ
THERMAL
MODE
DROPOUT
VS = 5.25V
VS = 5.5V
VS = 5V
Figure 4. Charge Current vs RCC
enough to put the KB4540 into dropout. Figure 4 shows
how this circuit can result in dropout as RCC becomes
large.
This technique works best when RCC values are minimized
to keep component size small and avoid dropout. Remem-
ber to choose a resistor with adequate power handling
capability.
VCC Bypass Capacitor
Many types of capacitors can be used for input bypassing,
however, caution must be exercised when using multi-
layer ceramic capacitors. Because of the self-resonant and
high Q characteristics of some types of ceramic capaci-
tors, high voltage transients can be generated under some
start-up conditions, such as connecting the charger input
to a live power source. Adding a 1.5
Ω resistor in series
with an X5R ceramic capacitor will minimize start-up
voltage transients. For more information, refer to Applica-
tion Note 88.
Charge Current Soft-Start
The KB4540 includes a soft-start circuit to minimize the
inrush current at the start of a charge cycle. When a charge
cycle is initiated, the charge current ramps from zero to the
full-scale current over a period of approximately 100
µs.
This has the effect of minimizing the transient current load
on the power supply during start-up.
Note 2: Large values of RCC will result in no solution for IBAT. This indicates that the KB4540
will not generate enough heat to require thermal regulation.
Figure 3. A Circuit to Maximize Thermal Mode Charge Current
VCC
RPROG
RCC
Li-Ion
CELL
KB4540
1
µF
VS
BAT
PROG
GND
KB4540
Kingbor Technology Co.,Ltd
TEL:(86)0755-26508846 FAX:(86)0755-26509052
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com