Electronic Components Datasheet Search
  English  ▼

X  

KB4540 Datasheet(PDF) 14 Page - Kingbor Technology Co

Part # KB4540
Description  Li-Ion Battery Charger
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBOR [Kingbor Technology Co]
Direct Link  http://www.kingbor.com
Logo KINGBOR - Kingbor Technology Co

KB4540 Datasheet(HTML) 14 Page - Kingbor Technology Co

Back Button KB4540 Datasheet HTML 7Page - Kingbor Technology Co KB4540 Datasheet HTML 8Page - Kingbor Technology Co KB4540 Datasheet HTML 9Page - Kingbor Technology Co KB4540 Datasheet HTML 10Page - Kingbor Technology Co KB4540 Datasheet HTML 11Page - Kingbor Technology Co KB4540 Datasheet HTML 12Page - Kingbor Technology Co KB4540 Datasheet HTML 13Page - Kingbor Technology Co KB4540 Datasheet HTML 14Page - Kingbor Technology Co KB4540 Datasheet HTML 15Page - Kingbor Technology Co  
Zoom Inzoom in Zoom Outzoom out
 14 / 15 page
background image
14
USB and Wall Adapter Power
The KB4540 allows charging from both a wall adapter
and a USB port. Figure 7 shows an example of how to
combine wall adapter and USB power inputs. A P-channel
MOSFET, MP1, is used to prevent back conducting into the
USB port when a wall adapter is present and a Schottky
diode, D1, is used to prevent USB power loss through the
1k pull-down resistor.
Typically a wall adapter can supply more current than the
500mA-limited USB port. Therefore, an N-channel MOSFET,
MN1, and an extra 10k program resistor are used to
increase the charge current to 600mA when the wall
adapter is present.
Figure 7. Combining Wall Adapter and USB Power
+
KB4540
BAT
PROG
VCC
D1
5V WALL
ADAPTER
600mA ICHG
USB POWER
500mA ICHG
ICHG
SYSTEM
LOAD
Li-Ion
BATTERY
MP1
1k
10k
2k
MN1
4
3
5
+
PROG
VCC
5V WALL
ADAPTER
USB
POWER
Li-Ion
CELL
1k
10k
2.5k
4
3
5
2
GND
1
µF
100mA/
500mA
µC
BAT
IBAT
USB/Wall Adapter Power Li-Ion Charger
800mA Li-Ion Charger with External Power Dissipation
VCC
0.25
Ω
1
µF
BAT
800mA
PROG
1.25k
VIN = 5V
GND
+
4
3
2
5
VCC
1
µF
BAT
PROG
2k
5V WALL
ADAPTER
GND
4
3
2
5
+
500mA
Basic Li-Ion Charger with Reverse Polarity Input Protection
VCC
330
Ω
1
µF
BAT
PROG
2k
VIN = 5V
GND
+
4
3
2
5
CHRG
SHDN
1
500mA
Full Featured Single Cell Li-Ion Charger
KB4540
Kingbor Technology Co.,Ltd
TEL:(86)0755-26508846 FAX:(86)0755-26509052
KB4540
KB4540
KB4540
KB4540
TYPICAL APPLICATIONS
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com