Electronic Components Datasheet Search
  English  ▼

X  

KB4540 Datasheet(PDF) 9 Page - Kingbor Technology Co

Part # KB4540
Description  Li-Ion Battery Charger
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBOR [Kingbor Technology Co]
Direct Link  http://www.kingbor.com
Logo KINGBOR - Kingbor Technology Co

KB4540 Datasheet(HTML) 9 Page - Kingbor Technology Co

Back Button KB4540 Datasheet HTML 5Page - Kingbor Technology Co KB4540 Datasheet HTML 6Page - Kingbor Technology Co KB4540 Datasheet HTML 7Page - Kingbor Technology Co KB4540 Datasheet HTML 8Page - Kingbor Technology Co KB4540 Datasheet HTML 9Page - Kingbor Technology Co KB4540 Datasheet HTML 10Page - Kingbor Technology Co KB4540 Datasheet HTML 11Page - Kingbor Technology Co KB4540 Datasheet HTML 12Page - Kingbor Technology Co KB4540 Datasheet HTML 13Page - Kingbor Technology Co Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
9
than 2
µA and the supply current to less than 50µA. A new
charge cycle can be initiated by reconnecting the program
resistor.
In manual shutdown, the CHRG pin is in a weak pull-down
state as long as VCC is high enough to exceed the UVLO
conditions. The CHRG pin is in a high impedance state if
the KB4540 is in undervoltage lockout mode: either V CC
is within 100mV of the BAT pin voltage or insufficient voltage
is applied to the VCC pin.
Automatic Recharge
Once the charge cycle is terminated, the KB4540 continu-
ously monitors the voltage on the BAT pin using a com-
parator with a 2ms filter time (tRECHARGE). A charge cycle
restarts when the battery voltage falls below 4.05V (which
corresponds to approximately 80% to 90% battery capac-
ity). This ensures that the battery is kept at or near a fully
charged condition and eliminates the need for periodic
charge cycle initiations. CHRG output enters a strong pull-
down state during recharge cycles.
lockout conditions. A weak pull-down indicates that VCC
meets the UVLO conditions and the KB4540 is ready to
charge. High impedance indicates that the KB4540 is in
undervoltage lockout mode: either VCC is less than 100mV
above the BAT pin voltage or insufficient voltage is applied
to the VCC pin. A microprocessor can be used to distin-
guish between these three states—this method is dis-
cussed in the Applications Information section.
Thermal Limiting
An internal thermal feedback loop reduces the programmed
charge current if the die temperature attempts to rise
above a preset value of approximately 120
°C. This feature
protects the KB4540 from excessive temperature and
allows the user to push the limits of the power handling
capability of a given circuit board without risk of damaging
the KB4540. The charge current can be set according to
typical (not worst-case) ambient temperature with the
assurance that the charger will automatically reduce the
current in worst-case conditions. ThinSOT power consid-
erations are discussed further in the Applications Informa-
tion section.
Undervoltage Lockout (UVLO)
An internal undervoltage lockout circuit monitors the input
voltage and keeps the charger in shutdown mode until VCC
rises above the undervoltage lockout threshold. The UVLO
circuit has a built-in hysteresis of 200mV. Furthermore, to
protect against reverse current in the power MOSFET, the
UVLO circuit keeps the charger in shutdown mode if VCC
falls to within 30mV of the battery voltage. If the UVLO
comparator is tripped, the charger will not come out of
shutdown mode until VCC rises 100mV above the battery
voltage.
Manual Shutdown
At any point in the charge cycle, the KB4540 can be put
into shutdown mode by removing RPROG thus floating the
PROG pin. This reduces the battery drain current to less
TRICKLE CHARGE
MODE
1/10TH FULL CURRENT
BAT > 2.9V
BAT < 2.9V
BAT > 2.9V
CHRG: STRONG
PULL-DOWN
CHARGE MODE
FULL CURRENT
CHRG: STRONG
PULL-DOWN
SHUTDOWN MODE
CHRG: Hi-Z IN UVLO
WEAK PULL-DOWN
OTHERWISE
PROG
RECONNECTED
OR
UVLO CONDITION
STOPS
PROG FLOATED
OR
UVLO CONDITION
ICC DROPS TO <25µA
POWER ON
PROG < 100mV
STANDBY MODE
NO CHARGE CURRENT
CHRG: WEAK
PULL-DOWN
2.9V < BAT < 4.05V
Figure 1. State Diagram of a Typical Charge Cycle
KB4540
Kingbor Technology Co.,Ltd
TEL:(86)0755-26508846 FAX:(86)0755-26509052
OPERATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com