Electronic Components Datasheet Search
  English  ▼

X  

STA326 Datasheet(PDF) 50 Page - STMicroelectronics

Part # STA326
Description  2.1-channel high-efficiency digital audio system
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA326 Datasheet(HTML) 50 Page - STMicroelectronics

Back Button STA326 Datasheet HTML 46Page - STMicroelectronics STA326 Datasheet HTML 47Page - STMicroelectronics STA326 Datasheet HTML 48Page - STMicroelectronics STA326 Datasheet HTML 49Page - STMicroelectronics STA326 Datasheet HTML 50Page - STMicroelectronics STA326 Datasheet HTML 51Page - STMicroelectronics STA326 Datasheet HTML 52Page - STMicroelectronics STA326 Datasheet HTML 53Page - STMicroelectronics STA326 Datasheet HTML 54Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 64 page
background image
User programmable processing
STA326
50/64
DocID11531 Rev 9
8.5
Calculating 24-bit signed fractional numbers from a dB value
The prescale, mixing, and postscale functions of the STA326 use 24-bit signed fractional
multipliers to attenuate signals. These attenuations can also invert the phase and therefore
range in value from -1 to +1. It is possible to calculate the coefficient to utilize for a given
negative dB value (attenuation) via the equations below.
Non-inverting phase numbers 0 to +1:
Coefficient = round(8388607 * 10(dB / 20))
Inverting phase numbers 0 to -1:
Coefficient = 16777216 - round(8388607 * 10(dB / 20))
As can be seen by the preceding equations, the value for positive phase 0 dB is 0x7FFFFF
and the value for negative phase 0 dB is 0x800000.
8.6
User-defined coefficient RAM
8.6.1
Coefficient address register 1 (addr 0x16)
8.6.2
Coefficient b1data register bits 23:16 (addr 0x17)
8.6.3
Coefficient b1data register bits 15:8 (addr 0x18)
8.6.4
Coefficient b1data register bits 7:0 (addr 0x19)
8.6.5
Coefficient b2 data register bits 23:16 (addr 0x1A)
D7
D6
D5
D4
D3
D2
D1
D0
CFA7
CFA6
CFA5
CFA4
CFA3
CFA2
CFA1
CFA0
0
0
000000
D7
D6
D5
D4
D3
D2
D1
D0
C1B23
C1B22
C1B21
C1B20
C1B19
C1B18
C1B17
C1B16
00000000
D7
D6
D5
D4
D3
D2
D1
D0
C1B15
C1B14
C1B13
C1B12
C1B11
C1B10
C1B9
C1B8
000000
0
0
D7
D6
D5
D4
D3
D2
D1
D0
C1B7
C1B6
C1B5
C1B4
C1B3
C1B2
C1B1
C1B0
0
0
000000
D7
D6
D5
D4
D3
D2
D1
D0
C2B23
C2B22
C2B21
C2B20
C2B19
C2B18
C2B17
C2B16
00000000
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com